Electronic Components Datasheet Search
  English  ▼

X  

TMUX7221 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX7221
Description  TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7221 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX7221 Datasheet HTML 1Page - Texas Instruments TMUX7221 Datasheet HTML 2Page - Texas Instruments TMUX7221 Datasheet HTML 3Page - Texas Instruments TMUX7221 Datasheet HTML 4Page - Texas Instruments TMUX7221 Datasheet HTML 5Page - Texas Instruments TMUX7221 Datasheet HTML 6Page - Texas Instruments TMUX7221 Datasheet HTML 7Page - Texas Instruments TMUX7221 Datasheet HTML 8Page - Texas Instruments TMUX7221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up
Immunity and 1.8-V Logic
1 Features
• Latch-up immune
• Dual supply range: ±4.5 V to ±22 V
• Single supply range: 4.5 V to 44 V
• Low on-resistance: 2.1 Ω
• –40°C to +125°C operating temperature
• 1.8 V logic compatible
• Integrated pull-down resistor on logic pins
• Fail-safe logic
• Rail-to-rail operation
• Bidirectional operation
2 Applications
• Optical Networking
• Optical Test Equipment
• HVAC Controller
• Ultrasound Scanners
• Active Oscilloscope Probes
• Factory Automation and Industrial Controls
• Programmable Logic Controllers (PLC)
• Analog Input Modules
• Semiconductor Test
• Patient Monitoring and Diagnostics
• Wired Networking
• Data Acquisition Systems
S1
S2
D1
D2
VDD
VSS
SW
SW
SEL1
SEL2
TMUX7221
(SELx = Logic 1)
S1
S2
D1
D2
VDD
VSS
SW
SW
SEL1
SEL2
TMUX7222
(SELx = Logic 1)
Block Diagram
3 Description
The TMUX722x are complementary metal-oxide
semiconductor
(CMOS)
switches
with
latch-up
immunity in a dual channel, 1:1 (SPST) configuration.
These devices work with a single supply (4.5 V to 44
V), dual supplies (±4.5 V to ±22 V), or asymmetric
supplies (such as VDD = 12 V, VSS = –5 V). The
TMUX722x supports bidirectional analog and digital
signals on the source (Sx) and drain (D) pins ranging
from VSS to VDD.
The TMUX722x can be enabled or disabled by
controlling the SEL pins turning on signal path 1
(S1 to D1) and/or signal path 2 (S2 to D2). All
logic control inputs support logic levels from 1.8 V to
VDD, ensuring both TTL and CMOS logic compatibility
when operating in the valid supply voltage range. Fail-
safe logic circuitry allows voltages on the control pins
to be applied before the supply pin, protecting the
device from potential damage. For more information,
see Section 8.3.5.
The TMUX72xx family provides latch-up immunity,
preventing undesirable high current events between
parasitic structures within the device typically caused
by overvoltage events. A latch-up condition typically
continues until the power supply rails are turned off
and can lead to device failure. The latch-up immunity
feature allows the TMUX72xx family of switches and
multiplexers to be used in harsh environments.
Package Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX7221
TMUX7222
DGS (VSSOP, 10)
3.00 mm × 3.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
TMUX7221, TMUX7222
SCDS444 – FEBRUARY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - TMUX7221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7221 TI-TMUX7221 Datasheet
1Mb / 37P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX7221DGSR TI-TMUX7221DGSR Datasheet
1Mb / 37P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX7221 TI-TMUX7221_V01 Datasheet
1Mb / 37P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
REVISED SEPTEMBER 2023
More results

Similar Description - TMUX7221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7211 TI-TMUX7211 Datasheet
2Mb / 40P
TMUX721x 44-V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7211 TI-TMUX7211_V01 Datasheet
2Mb / 42P
TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7234 TI-TMUX7234 Datasheet
1Mb / 36P
TMUX7234 44-V, Low Ron, 2:1, 4 Channel Precision Switch with Latch-Up Immunity and 1.8-V Logic
TMUX7212-Q1 TI-TMUX7212-Q1 Datasheet
2Mb / 48P
TMUX7212-Q1 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
SEPTEMBER 2021
TMUX7234 TI-TMUX7234_V01 Datasheet
1Mb / 38P
TMUX7234 44 V, Low Ron, 2:1, 4 Channel Precision Switches with Latch-Up Immunity and 1.8 V Logic
AUGUST 2021
TMUX7234 TI1-TMUX7234_V02 Datasheet
1Mb / 45P
TMUX7234 44 V, Low Ron, 2:1, 4 Channel Precision Switches with Latch-Up Immunity and 1.8 V Logic
REVISED DECEMBER 2022
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX7221 TI-TMUX7221_V01 Datasheet
1Mb / 37P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX7236 TI1-TMUX7236_V02 Datasheet
2Mb / 45P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com