Electronic Components Datasheet Search
  English  ▼

X  

TMUX7221 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMUX7221
Description  TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7221 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX7221 Datasheet HTML 14Page - Texas Instruments TMUX7221 Datasheet HTML 15Page - Texas Instruments TMUX7221 Datasheet HTML 16Page - Texas Instruments TMUX7221 Datasheet HTML 17Page - Texas Instruments TMUX7221 Datasheet HTML 18Page - Texas Instruments TMUX7221 Datasheet HTML 19Page - Texas Instruments TMUX7221 Datasheet HTML 20Page - Texas Instruments TMUX7221 Datasheet HTML 21Page - Texas Instruments TMUX7221 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
7.7 Charge Injection
The TMUX722x has a transmission-gate topology. Any mismatch in capacitance between the NMOS and PMOS
transistors results in a charge injected into the drain or source during the falling or rising edge of the gate signal.
The amount of charge injected into the source or drain of the device is known as charge injection, and is denoted
by the symbol QC. Figure 7-7 shows the setup used to measure charge injection from source (Sx) to drain (D).
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
GND
SELx
VSEL
VOUT
Output
VS
0 V
3 V
VSEL
QINJ = CL ×
VOUT
tr < 20 ns
tf < 20 ns
S1
D1
S2
D2
Output
Output
CL
CL
VS
VS
Figure 7-7. Charge-Injection Measurement Setup
7.8 Off Isolation
Off isolation is defined as the ratio of the signal at the drain pin (Dx) of the device when a signal is applied to
the source pin (Sx) of an off-channel. The characteristic impedance, Z0, for the measurement is 50 Ω. Figure 7-8
shows the setup used to measure off isolation. Use off isolation equation to compute off isolation.
GND
S1
D1
VSIG
VOUT
50Ÿ
50Ÿ
Network Analyzer
1BB +OKH=PEKJ = 20 × .KC
8176
85
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
50Ÿ
Sx/Dx
VS
Figure 7-8. Off Isolation Measurement Setup
TMUX7221, TMUX7222
SCDS444 – FEBRUARY 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX7221 TMUX7222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com