Electronic Components Datasheet Search
  English  ▼

X  

TPS62902-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS62902-Q1
Description  TPS62902-Q1 3-V to 18-V, 2-A, Automotive Low IQ Buck Converter with 165°C TJ
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62902-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62902-Q1 Datasheet HTML 1Page - Texas Instruments TPS62902-Q1 Datasheet HTML 2Page - Texas Instruments TPS62902-Q1 Datasheet HTML 3Page - Texas Instruments TPS62902-Q1 Datasheet HTML 4Page - Texas Instruments TPS62902-Q1 Datasheet HTML 5Page - Texas Instruments TPS62902-Q1 Datasheet HTML 6Page - Texas Instruments TPS62902-Q1 Datasheet HTML 7Page - Texas Instruments TPS62902-Q1 Datasheet HTML 8Page - Texas Instruments TPS62902-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
6 Pin Configuration and Functions
3
2
1
7
4
5
6
9
8
VOS
SW
PG
GND
EN
VIN
Figure 6-1. 9-Pin RYT VQFN Package (Top View, Device Pins Face Down)
Table 6-1. Pin Functions
Pin
Type(1)
Description
Name
Number
PG
1
O
Open-drain power-good output. High = VOUT is ready. Low = VOUT is below nominal regulation.
This pin requires a pullup resistor.
SW
2
—
Switch pin of the converter and is connected to the internal power switches. Connect the inductor
between SW and the output capacitor.
VOS
3
I
Output voltage sense pin. Connect directly to the positive pin of the output capacitor.
GND
4
—
Ground pin. This pin must be connected directly to the common ground plane.
EN
5
I
Enable input pin. Connect to logic low to disable the device. Pull high to enable the device. Do not
leave this pin unconnected.
VIN
6
I
Power supply input pin. Ensure the input capacitor is connected as close as possible between the
VIN and GND pins.
MODE/
S-CONF
7
I
Device mode selection (auto PFM/PWM or forced PWM operation) and SmartConfig pin. Connect
high, low, or to a resistor to configure the device according to Table 8-1. Do not leave this pin
unconnected.
SS/TR
8
I
Soft start and tracking pin. An external capacitor connected from this pin to GND defines the rise
time for the internal reference voltage. The pin can also be used as an input for tracking and
sequencing. The pin can be left floating for the fastest ramp-up time.
FB/VSET
9
I
Depends on device configuration (see Section 8.3.1.)
•
FB: Voltage feedback input. Connect a resistive output voltage divider to this pin.
•
VSET: Output voltage setting pin. Connect a resistor to GND to choose the output voltage
according to Table 8-2.
(1)
O = output, I = input
TPS62902-Q1
SLVSG70 – APRIL 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS62902-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com