Electronic Components Datasheet Search
  English  ▼

X  

TPS62902-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS62902-Q1
Description  TPS62902-Q1 3-V to 18-V, 2-A, Automotive Low IQ Buck Converter with 165°C TJ
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62902-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62902-Q1 Datasheet HTML 5Page - Texas Instruments TPS62902-Q1 Datasheet HTML 6Page - Texas Instruments TPS62902-Q1 Datasheet HTML 7Page - Texas Instruments TPS62902-Q1 Datasheet HTML 8Page - Texas Instruments TPS62902-Q1 Datasheet HTML 9Page - Texas Instruments TPS62902-Q1 Datasheet HTML 10Page - Texas Instruments TPS62902-Q1 Datasheet HTML 11Page - Texas Instruments TPS62902-Q1 Datasheet HTML 12Page - Texas Instruments TPS62902-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
7.6 Typical Characteristics (continued)
Temperature (
C)
-50
-25
0
25
50
75
100
125
150
175
1.79
1.793
1.796
1.799
1.802
1.805
1.808
1.811
1.814
1.817
Vin = 3V
Vin = 6V
Vin = 9V
Vin = 12V
Vin = 15V
Vin = 18V
VOUT = 1.8 V
Figure 7-7. Output Voltage Accuracy - VSET Selected
Temperature (
C)
-50
-25
0
25
50
75
100
125
150
175
1.19
1.192
1.194
1.196
1.198
1.2
1.202
1.204
1.206
Vin = 3V
Vin = 6V
Vin = 9V
Vin = 12V
Vin = 15V
Vin = 18V
VOUT = 1.2 V
Figure 7-8. Output Voltage Accuracy - VSET Selected
Temperature (
C)
-50
-25
0
25
50
75
100
125
150
175
0.597
0.598
0.599
0.6
0.601
0.602
0.603
Vin = 3V
Vin = 6V
Vin = 9V
Vin = 12V
Vin = 15V
Vin = 18V
VOUT = 0.6 V
Figure 7-9. Output Voltage Accuracy - VSET Selected
Temperature (
C)
-50
-25
0
25
50
75
100
125
150
175
0.74
0.7425
0.745
0.7475
0.75
0.7525
0.755
0.7575
0.76
Vin = 3V
Vin = 6V
Vin = 9V
Vin = 12V
Vin = 15V
Vin = 18V
Figure 7-10. Tracking Voltage Gain vs Temperature
Temeraturee (
C)
-50
-25
0
25
50
75
100
125
150
175
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
Vin = 3V
Vin = 6V
Vin = 9V
Vin = 12V
Vin = 15V
Vin = 18V
VOUT = 1.2 V
FSW = 2.5 MHz
IOUT = 0 A
FPWM
Figure 7-11. Switching Frequency vs Temperature
Temeraturee (
C)
-50
-25
0
25
50
75
100
125
150
175
0.8
0.85
0.9
0.95
1
1.05
1.1
Vin = 3V
Vin = 6V
Vin = 9V
Vin = 12V
Vin = 15V
Vin = 18V
VOUT = 1.2 V
FSW = 1.0 MHz
IOUT = 0 A
FPWM
Figure 7-12. Switching Frequency vs Temperature
www.ti.com
TPS62902-Q1
SLVSG70 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS62902-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com