Electronic Components Datasheet Search
  English  ▼

X  

TPS62902-Q1 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS62902-Q1
Description  TPS62902-Q1 3-V to 18-V, 2-A, Automotive Low IQ Buck Converter with 165°C TJ
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62902-Q1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS62902-Q1 Datasheet HTML 8Page - Texas Instruments TPS62902-Q1 Datasheet HTML 9Page - Texas Instruments TPS62902-Q1 Datasheet HTML 10Page - Texas Instruments TPS62902-Q1 Datasheet HTML 11Page - Texas Instruments TPS62902-Q1 Datasheet HTML 12Page - Texas Instruments TPS62902-Q1 Datasheet HTML 13Page - Texas Instruments TPS62902-Q1 Datasheet HTML 14Page - Texas Instruments TPS62902-Q1 Datasheet HTML 15Page - Texas Instruments TPS62902-Q1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
8 Detailed Description
8.1 Overview
The TPS62902-Q1 synchronous switched mode power converters are based on DCS-Control (Direct Control
with Seamless Transition into power save mode). DCS-Control is an advanced regulation topology that
combines the advantages of hysteretic, voltage mode, and current mode control. This control loop takes
information about output voltage changes and feeds the information directly to a fast comparator stage. DCS-
Control sets the switching frequency, which is constant for steady-state operating conditions, and provides
immediate response to dynamic load changes. To get accurate DC load regulation, a voltage feedback loop
is used. The internally compensated regulation network achieves fast and stable operation with small external
components and low-ESR capacitors.
8.2 Functional Block Diagram
EN
SS/TR
VIN
GND
SW
PG
VOS
+
–
Ref
1.0V
Power Control
Power Save Mode
Forced PWM
100% Mode
HS Limit
LS Limit
Direct
Control
TON timer
VI
VO
VFB
VO
VREF
DCS-Control
Device Control
and Logic
Smart-Enable
Ref-System
UVLO
Start-up Handling
Smart-CONFIG
PG-Control
Thermal Shutdown
Device
Control
Resistor-to-Digital
MODE Detection
Internal/External
Divider
Resistor-to-Digital
Gate
Driver
MODE / S-CONF
FB / VSET
VO
VFB
VI
TPS62902-Q1
SLVSG70 – APRIL 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS62902-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com