Electronic Components Datasheet Search
  English  ▼

X  

TPS62902-Q1 Datasheet(PDF) 53 Page - Texas Instruments

Part # TPS62902-Q1
Description  TPS62902-Q1 3-V to 18-V, 2-A, Automotive Low IQ Buck Converter with 165°C TJ
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62902-Q1 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TPS62902-Q1 Datasheet HTML 46Page - Texas Instruments TPS62902-Q1 Datasheet HTML 47Page - Texas Instruments TPS62902-Q1 Datasheet HTML 48Page - Texas Instruments TPS62902-Q1 Datasheet HTML 49Page - Texas Instruments TPS62902-Q1 Datasheet HTML 50Page - Texas Instruments TPS62902-Q1 Datasheet HTML 51Page - Texas Instruments TPS62902-Q1 Datasheet HTML 52Page - Texas Instruments TPS62902-Q1 Datasheet HTML 53Page - Texas Instruments TPS62902-Q1 Datasheet HTML 54Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
2X (0.4)
13X
(0.25)
(2.55)
6X
(0.875)
4X
(0.825)
8X
(0.5)
2X (1.5)
(R0.05) TYP
(0.65)
2X (1)
(1.525)
VQFN-HR - 1 mm max height
RYT0009A
PLASTIC SMALL OUTLINE - NO LEAD
4226765/A 04/2021
NOTES: (continued)
4. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 MM THICK STENCIL
SCALE: 30X
SYMM
SYMM
1
4
7
8
3
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com