Electronic Components Datasheet Search
  English  ▼

X  

TPS62902-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS62902-Q1
Description  TPS62902-Q1 3-V to 18-V, 2-A, Automotive Low IQ Buck Converter with 165°C TJ
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62902-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62902-Q1 Datasheet HTML 3Page - Texas Instruments TPS62902-Q1 Datasheet HTML 4Page - Texas Instruments TPS62902-Q1 Datasheet HTML 5Page - Texas Instruments TPS62902-Q1 Datasheet HTML 6Page - Texas Instruments TPS62902-Q1 Datasheet HTML 7Page - Texas Instruments TPS62902-Q1 Datasheet HTML 8Page - Texas Instruments TPS62902-Q1 Datasheet HTML 9Page - Texas Instruments TPS62902-Q1 Datasheet HTML 10Page - Texas Instruments TPS62902-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
7.5 Electrical Characteristics (continued)
VI = 3 V to 18 V, TJ = -40C °C to +165°C, Typical values at VI = 12 V and TA = 25 °C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSW
Switching frequency
2.5-MHz selection
2.5
MHz
TON(MIN)
Minimum On-time
30
ns
fSW
Switching frequency
1.0-MHz selection
1.0
MHz
OUTPUT
VO
Output Voltage Regulation
VSET Configuration selected, TJ =
25°C
–1%
+1%
VO
Output Voltage Regulation
VSET Configuration selected
–1.5%
+1.5%
VFB
Feedback Regulation Voltage
Adjustable Configuration selected
0.6
V
VFB
Feedback Voltage Regulation
FB-Option selected. TJ = 25 °C.
–0.6%
+0.6%
VFB
Feedback Voltage Regulation
FB-Option selected
–1.25%
+1.25%
IFB
Input leakage current into FB pin
Adjustable configuration, VFB = 0.6 V
1
70
nA
Tdelay
Start-up delay time
IO = 0 mA, time from EN=HIGH
until start switching, Adjustable
Configuration selected
600
1400
µs
Start-up delay time
IO = 0 mA, time from EN=HIGH until
start switching, VSET Configuration
selected. The typical value is based on
the first option of VSET configuration.
650
1850
µs
TSS
Soft-Start time
IO = 0 mA after Tdelay, from 1st
switching pulse until target VO ,
Css=Open
150
µs
ISS
SS/TR source current
2.25
2.5
2.75
µA
VFB/VSS/TR
Tracking Gain, Adjustable
Configuration
0.75
VFB/VSS/TR
Tracking Gain tolerance
±8
mV
RDISCH
Active Discharge Resistance
Discharge = ON - Option Selected, EN
= LOW
7.5
30
Ω
www.ti.com
TPS62902-Q1
SLVSG70 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS62902-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com