Electronic Components Datasheet Search
  English  ▼

X  

TPS62902-Q1 Datasheet(PDF) 40 Page - Texas Instruments

Part # TPS62902-Q1
Description  TPS62902-Q1 3-V to 18-V, 2-A, Automotive Low IQ Buck Converter with 165°C TJ
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62902-Q1 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TPS62902-Q1 Datasheet HTML 36Page - Texas Instruments TPS62902-Q1 Datasheet HTML 37Page - Texas Instruments TPS62902-Q1 Datasheet HTML 38Page - Texas Instruments TPS62902-Q1 Datasheet HTML 39Page - Texas Instruments TPS62902-Q1 Datasheet HTML 40Page - Texas Instruments TPS62902-Q1 Datasheet HTML 41Page - Texas Instruments TPS62902-Q1 Datasheet HTML 42Page - Texas Instruments TPS62902-Q1 Datasheet HTML 43Page - Texas Instruments TPS62902-Q1 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
VIN
EN
SS/TR
VIN
MODE/
S-CONF
SW
PG
VOS
FB/
VSET
R1
R2
TPS629xx-Q1
L1
VOUT
0.6 V –
V
GND
R3
C3
C1
10 F
C2
22 F
Load-1
Rtrace
CIN1
Load-2
Rtrace
CIN2
Load-n
Rtrace
CINn
Figure 9-65. Multiple Loads
Note
Figure 9-65 shows an external feedback configuration, but the internal (VSET) configuration can also
be used.
9.4.3 Voltage Tracking
Figure 9-66 shows how two TPS62902-Q1s can be configured to tracking output voltages. In this configuration,
Device 2 follows the voltage applied to its SS/TR pin from Device 1 output. A ramp on the SS/TR pin of Device 2
to 0.8 V in turn ramps VOUT2 according to the 0.6-V reference on VFB and the R4//R5 resistor divider.
For this example, to track the 3.8 V (VOUT1) of Device 1 a resistor divider (R7//R8) on SS/TR of Device 2 is
required to generate 0.8 V when the output voltage (VOUT1) is in regulation. Due to the ISS current of 2.5 µA
from the SS/TR pin, the equivalent resistance of R7 // R8 must be kept below 15 kΩ to minimize any offset the
ISS current can cause on the SS/TR pin voltage.
TPS62902-Q1
SLVSG70 – APRIL 2023
www.ti.com
40
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS62902-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com