Electronic Components Datasheet Search
  English  ▼

X  

TPS62902-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS62902-Q1
Description  TPS62902-Q1 3-V to 18-V, 2-A, Automotive Low IQ Buck Converter with 165°C TJ
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62902-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62902-Q1 Datasheet HTML 1Page - Texas Instruments TPS62902-Q1 Datasheet HTML 2Page - Texas Instruments TPS62902-Q1 Datasheet HTML 3Page - Texas Instruments TPS62902-Q1 Datasheet HTML 4Page - Texas Instruments TPS62902-Q1 Datasheet HTML 5Page - Texas Instruments TPS62902-Q1 Datasheet HTML 6Page - Texas Instruments TPS62902-Q1 Datasheet HTML 7Page - Texas Instruments TPS62902-Q1 Datasheet HTML 8Page - Texas Instruments TPS62902-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Voltage(2)
VIN, EN, PG, MODE/S-CONF
–0.3
19.5
V
Voltage(2)
SW ((3))
–0.3
VIN + 0.3
V
Voltage(2)
SW (AC, less than 10ns)(3)
–3.0
23
V
Voltage(2)
FB/VSET, SS/TR, VOS
–0.3
6
V
TJ
Junction temperature
–55
165
°C
Tstg
Storage temperature
–65
165
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to network ground terminal.
(3)
While switching.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC-Q100-002 HBM ESD Classification Level 2,
all pins((1))
±2000
V
V(ESD)
Electrostatic discharge
Charged device model (CDM), per AEC-Q100-011
CDM ESD Classification level C4B.
All pins
±500
V
Corner pins (3, 4, 7, and 9)
±750
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
Over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VI
Input voltage range
3.0
18
V
VO
Output voltage range
0.4
5.5
V
CI
Effective input capacitance
3
10
µF
CO
Effective output capacitance (2.5MHz selection)(1)
10
22
100 (1)
µF
CO
Effective output capacitance (1MHz selection)(1)
10
22
100 (1)
µF
L
Output inductance(2)
1
2.2
4.7(3)
µH
IOUT
Output current
0
2
A
ISINK_PG
Sink current at PG-Pin
1
mA
TJ
Junction temperature (4)
–40
165
°C
(1)
This is for capacitors directly at the output of the device. More capacitance is allowed if there is a series resistance associated to the
capacitor.
(2)
Nominal inductance value.
(3)
Larger values of inductance may be used to reduce the ripple current, but they may have a negative impact on efficiency and the
overvall transient responce.
(4)
Operating lifetime is derated at junction temperatures greater than 165°C.
7.4 Thermal Information
THERMAL METRIC((1))
UNIT
VQFN (RYT)
JEDEC PCB
TPS6290xEVM-xxx
RθJA
Junction-to-ambient thermal resistance
97.2
73.5
°C/W
www.ti.com
TPS62902-Q1
SLVSG70 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS62902-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com