Electronic Components Datasheet Search
  English  ▼

X  

NP01PS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NP01PS
Description  POWER SUPPLY FOR COLOR PLASMA DISPLAY MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP01PS Datasheet(HTML) 3 Page - Renesas Technology Corp

  NP01PS Datasheet HTML 1Page - Renesas Technology Corp NP01PS Datasheet HTML 2Page - Renesas Technology Corp NP01PS Datasheet HTML 3Page - Renesas Technology Corp NP01PS Datasheet HTML 4Page - Renesas Technology Corp NP01PS Datasheet HTML 5Page - Renesas Technology Corp NP01PS Datasheet HTML 6Page - Renesas Technology Corp NP01PS Datasheet HTML 7Page - Renesas Technology Corp NP01PS Datasheet HTML 8Page - Renesas Technology Corp NP01PS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NP01PS
3
Data Sheet EA0431EJ1V0DS00
2) Output protection
No.
Power output
Symbol
Overcurrent protector
Overvoltage protector
Lower voltage protector
1
PDP sustain voltage
Vs
Current limiter operates
Shutdown operates under
Shutdown operates under
over 3.0 A
220 V
150 V
2
PDP data write voltage
Vd
Current lmiter operates
Shutdown operates
Shutdown operates under
over 1.8 A
between 85 V to 96 V
58 V
3
Logic (+5 V)
D+5
Current limiter operates
Shutdown operates under
Shutdown operates under
under 13 A
6.8 V
4.5 V
4
Analog (+14 V)
A+14
No protection
No protection
No protection
5
Analog (+7 V)
A+7
No protection
No protection
No protection
6
Fan
F+12
No protection
No protection
No protection
7
Stand-by
M+5
No protection
No protection
No protection
8
Audio
S+13
Current limiter operates
No protection
No protection
over 3.5 A
3) Stand-by power consumption
Condition: Stand-by load current = 0.3 A
AC100 V input: 5 W rms. max.
AC230 V input (TCO 95 standard power off mode): 8 W rms. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com