Electronic Components Datasheet Search
  English  ▼

X  

NP01PS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # NP01PS
Description  POWER SUPPLY FOR COLOR PLASMA DISPLAY MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP01PS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button NP01PS Datasheet HTML 4Page - Renesas Technology Corp NP01PS Datasheet HTML 5Page - Renesas Technology Corp NP01PS Datasheet HTML 6Page - Renesas Technology Corp NP01PS Datasheet HTML 7Page - Renesas Technology Corp NP01PS Datasheet HTML 8Page - Renesas Technology Corp NP01PS Datasheet HTML 9Page - Renesas Technology Corp NP01PS Datasheet HTML 10Page - Renesas Technology Corp NP01PS Datasheet HTML 11Page - Renesas Technology Corp NP01PS Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NP01PS
8
Data Sheet EA0431EJ1V0DS00
4) Connector PA (Power output for the Audio circuit)
Pin number
Signal name
Comment
1
A+14.GND
Analog +14 V. GND
2
A+14
Analog +14 V
3
S+13.GND
Audio. GND
4
S+13.GND
Audio. GND
5
S+13
Audio +13 V
6
S+13
Audio +13 V
Power supply side connector: B6B-EH (J.S.T TRADING COMPANY, LTD)
Mating connector: HER-6 (housing), SHE-001T-P0.6 (contact)
5) Connector PD (Power output for the PDP module)
Pin number
Signal name
Comment
1
D+5.GND
Digital. GND
2
D+5.GND
Digital. GND
3
D+5
Digital +5 V
4
D+5
Digital +5 V
Power supply side connector: B4B-VH (J.S.T TRADING COMPANY, LTD)
Mating connector: VHR-4N (housing), BVH-21T-P1.1 or SVH-21T-P1.1 (contact)
6) Connector PN (Power output for the Analog interface circuit)
Pin number
Signal name
Comment
1
A+7.GND
Analog +7 V. GND
2
A+7.GND
Analog +7 V. GND
3
A.+7
Analog +7 V
4
A.+7
Analog +7 V
5
A+14.GND
Analog +14 V. GND
6
A+14.GND
Analog +14 V. GND
7
A.+14
Analog +14 V
8
A.+14
Analog +14 V
Power supply side connector: B8B-EH (J.S.T TRADING COMPANY, LTD)
Mating connector: EHR-8 (housing), SHE-001T-P0.6 (contact)
7) Connector PV (Power output for another analog circuit)
Pin number
Signal name
Comment
1
A+7.GND
Analog +7 V. GND
2
A+7
Analog +7 V
3
A+14.GND
Analog +14 V. GND
4
A+14
Analog +14 V
Power supply side connector: B4B-EH (J.S.T TRADING COMPANY, LTD)
Mating connector: EHR-4 (housing), SHE-001T-P0.6 (contact)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com