Electronic Components Datasheet Search
  English  ▼

X  

NP01PS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NP01PS
Description  POWER SUPPLY FOR COLOR PLASMA DISPLAY MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP01PS Datasheet(HTML) 4 Page - Renesas Technology Corp

  NP01PS Datasheet HTML 1Page - Renesas Technology Corp NP01PS Datasheet HTML 2Page - Renesas Technology Corp NP01PS Datasheet HTML 3Page - Renesas Technology Corp NP01PS Datasheet HTML 4Page - Renesas Technology Corp NP01PS Datasheet HTML 5Page - Renesas Technology Corp NP01PS Datasheet HTML 6Page - Renesas Technology Corp NP01PS Datasheet HTML 7Page - Renesas Technology Corp NP01PS Datasheet HTML 8Page - Renesas Technology Corp NP01PS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NP01PS
4
Data Sheet EA0431EJ1V0DS00
CONTROL AND PROTECTION SIGNALS
1) Functions of control and protection signals
“POWER” signal: Turn the low voltage power (D+5, A+14, A+7, F+12, S+13) ON/OFF and the high voltage
power (Vs, Vd) OFF.
“POSAVE” signal: Turn the high voltage power (Vs, Vd) ON/OFF.
“LVP” signal:
Shut down the output voltage other than Stand-by power (M+5).
This signal is disable for about a second after turning the high voltage power ON.
2) Electrical characteristics
Signal
Item
Symbol
Min.
Typ.
Max.
units
I/O current
Operating mode
High level input voltage
VIH
4.5
–
5.5
V
2 to 5 mA input
Low voltage power ON
POWER
(SINK)
Low level input voltage
VIL
0
–
0.3
V
– – –
Low voltage power OFF,
High voltage power OFF
High level input voltage
VIH
4.5
–
5.5
V
– – –
High voltage power ON
POSAVE
Low level input voltage
VIL
0
–
0.3
V
2 mA max. output
High voltage power OFF
(SOURCE)
High level input voltage
VIH
4.5
–
5.5
V
– – –
Normal operation
LVP
Low level input voltage
VIL
0
–
0.3
V
3 mA max. output
Shutdown
(SOURCE)
3) Example of control signal driver circuits
POWER
POSAVE
1 k
Ω 1/4 W
1 k
Ω 1/4 W
1 k
Ω
1/4 W
1 k
Ω
1/4 W
Out
Out
Micro
processor
LVP
1 k
Ω 1/4 W
74HC04
RD5.6
RD5.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com