Electronic Components Datasheet Search
  English  ▼

X  

NP01PS Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # NP01PS
Description  POWER SUPPLY FOR COLOR PLASMA DISPLAY MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP01PS Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button NP01PS Datasheet HTML 8Page - Renesas Technology Corp NP01PS Datasheet HTML 9Page - Renesas Technology Corp NP01PS Datasheet HTML 10Page - Renesas Technology Corp NP01PS Datasheet HTML 11Page - Renesas Technology Corp NP01PS Datasheet HTML 12Page - Renesas Technology Corp NP01PS Datasheet HTML 13Page - Renesas Technology Corp NP01PS Datasheet HTML 14Page - Renesas Technology Corp NP01PS Datasheet HTML 15Page - Renesas Technology Corp NP01PS Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
NP01PS
12
Data Sheet EA0431EJ1V0DS00
GENERAL SPECIFICATIONS
1) External dimensions
437(W)
× 280(D) × 55(H) mm
(Refer to the attached drawing Figure 3.)
2) Weight
4.5 kg
OPERATING CONDITIONS
1) Operating environment conditions
1-1) Temperature: 0 to +50 degree centigrade
1-2) Humidity: 20 to 80 % RH (without condensation)
1-3) Atmospheric pressure: 800 to 1100 hPa
2) Storage environment conditions
2-1) Temperature: –20 to +60 degree centigrade
2-2) Humidity: 10 to 90 %RH (without condensation)
2-3) Atmospheric pressure: 700 to 1100 hPa
MECHANICAL SPECIFICATIONS
1) Vibration (Operating)
1 G, 5 to 100 Hz (sweep time:4 minutes), 3-directions, 30 minutes each
2) Impact
10 G max. (Tested by dropping it on a hard wood three times)
GENERAL CAUTION
1. Please use this power supply within the input and output ranges of specifications.
2. When this power supply is connected with other plasma display than NP4201MF02, the specification of this
power supply can not be guaranteed. It might cause the failure of the power supply and the accident.
3. Please use the PDP module connected with this power supply with the power controlled status by the PLE
function.
4. Do not touch the circuit parts in the power supply while powered on or immediately after powered off. If touch,
It may causes the serious electric shock. Please confirm the voltage decreases enough before touch it.
5. When connect or disconnect the cables, or move the power supply, please confirm the power is turned off and
voltage in the power supply is decreased enough.
6. Please secure enough ventilation space for cooling fan, because the heat of this power supply is radiated by
the forced-air-cooled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com