Electronic Components Datasheet Search
  English  ▼

X  

NP01PS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NP01PS
Description  POWER SUPPLY FOR COLOR PLASMA DISPLAY MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP01PS Datasheet(HTML) 1 Page - Renesas Technology Corp

  NP01PS Datasheet HTML 1Page - Renesas Technology Corp NP01PS Datasheet HTML 2Page - Renesas Technology Corp NP01PS Datasheet HTML 3Page - Renesas Technology Corp NP01PS Datasheet HTML 4Page - Renesas Technology Corp NP01PS Datasheet HTML 5Page - Renesas Technology Corp NP01PS Datasheet HTML 6Page - Renesas Technology Corp NP01PS Datasheet HTML 7Page - Renesas Technology Corp NP01PS Datasheet HTML 8Page - Renesas Technology Corp NP01PS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©
1999
DATA SHEET
DESCRIPTION
The power supply NP01PS has been developed for evaluation purpose of NP4201MF02 (42-inch PDP module).
The input voltage ranges from 100 Vac to 240 Vac, which covers most specifications throughout the world. The
NP01PS has power outputs for a PDP module, video signal interface and audio circuits. The NP01PS has been
developed with the priority to realize a better characteristic performance rather than cost.
FEATURES
•
Specially designed power supply for the NP4201MF02
•
Power sources for analog processing and audio circuits are included.
•
Compact size match with the power supply space in the NP4201MF02
•
High power conversion efficiency
APPLICATION
•
Power source of the NP4201MF02
Power supply for NP4201MF02
POWER SUPPLY FOR COLOR PLASMA DISPLAY MODULE
NP01PS
The information in this document is subject to change without any notice
Document No. EA0431EJ1V0DS00 (1st edition)
Date Published March 1999 P
Printed in Japan


Similar Part No. - NP01PS

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
940Kb / 6P
Subminiature Smooth Actuation Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
184Kb / 6P
Subminiature Smooth Actuation Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
220Kb / 6P
General Specifications
NP0115AG03LC-JB-S NKK-NP0115AG03LC-JB-S Datasheet
940Kb / 6P
Subminiature Smooth Actuation Pushbuttons
NP0115AG03LC-JB-S NKK-NP0115AG03LC-JB-S Datasheet
184Kb / 6P
Subminiature Smooth Actuation Pushbuttons
More results

Similar Description - NP01PS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8150KVT ROHM-BD8150KVT Datasheet
244Kb / 6P
Main Power Supply For TFT-LCD Display Module
BD8156EFV ROHM-BD8156EFV Datasheet
351Kb / 6P
Main Power Supply For TFT-LCD Display Module
BD8160EFV ROHM-BD8160EFV Datasheet
354Kb / 6P
Main Power Supply For TFT-LCD Display Module
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
logo
IXYS Corporation
IXGA9289 IXYS-IXGA9289 Datasheet
37Kb / 2P
For Plasma Display Applications
logo
Toshiba Semiconductor
42WP56P TOSHIBA-42WP56P Datasheet
7Mb / 85P
Plasma Color Television
2005
logo
Vishay Siliconix
APD-128G032 VISHAY-APD-128G032_V01 Datasheet
156Kb / 3P
Plasma Display Modules
14-Jun-04
APD-128G064 VISHAY-APD-128G064 Datasheet
63Kb / 3P
Plasma Display Modules
05-Dec-00
APD-256G064A VISHAY-APD-256G064A_V01 Datasheet
103Kb / 4P
Plasma Panel Display Module
09-Dec-03
APD-32A025A VISHAY-APD-32A025A Datasheet
297Kb / 12P
Intelligent Plasma Display
24-May-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com