Electronic Components Datasheet Search
  English  ▼

X  

NP01PS Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NP01PS
Description  POWER SUPPLY FOR COLOR PLASMA DISPLAY MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP01PS Datasheet(HTML) 5 Page - Renesas Technology Corp

  NP01PS Datasheet HTML 1Page - Renesas Technology Corp NP01PS Datasheet HTML 2Page - Renesas Technology Corp NP01PS Datasheet HTML 3Page - Renesas Technology Corp NP01PS Datasheet HTML 4Page - Renesas Technology Corp NP01PS Datasheet HTML 5Page - Renesas Technology Corp NP01PS Datasheet HTML 6Page - Renesas Technology Corp NP01PS Datasheet HTML 7Page - Renesas Technology Corp NP01PS Datasheet HTML 8Page - Renesas Technology Corp NP01PS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NP01PS
5
Data Sheet EA0431EJ1V0DS00
POWER ON/OFF SEQUENCE
1) Power ON sequence
Note LVP signal is disable while the shadowed period.
0V
0V
0V
0V
0V
0V
0V
0V
0V
850 ms min.
AC input
M+5
POWER
D+5
A+14, A+7
F+12, S+13
LVP input
POSAVE
Vs
Vd
850 ms max.
1sec. max.
Note
−140V or less



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com