Electronic Components Datasheet Search
  English  ▼

X  

NP01PS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # NP01PS
Description  POWER SUPPLY FOR COLOR PLASMA DISPLAY MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP01PS Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button NP01PS Datasheet HTML 3Page - Renesas Technology Corp NP01PS Datasheet HTML 4Page - Renesas Technology Corp NP01PS Datasheet HTML 5Page - Renesas Technology Corp NP01PS Datasheet HTML 6Page - Renesas Technology Corp NP01PS Datasheet HTML 7Page - Renesas Technology Corp NP01PS Datasheet HTML 8Page - Renesas Technology Corp NP01PS Datasheet HTML 9Page - Renesas Technology Corp NP01PS Datasheet HTML 10Page - Renesas Technology Corp NP01PS Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NP01PS
7
Data Sheet EA0431EJ1V0DS00
CONNECTOR PIN ASSIGNMENT
As for the location of the connectors, please refer to the Figure 3.
1) AC power inputs connectors
Name
Function
Input terminal
Terminal for connecting cable
AC-L
AC input
250 TAB
250 receptacle
AC-N
AC input
250 TAB
250 receptacle
FG1
Frame ground
187 TAB
187 receptacle
FG2
Signal ground
187 TAB
187 receptacle
Input terminal: Fasten terminal (AMP)
2) Connector PM (Power output for Analog Interface circuit, and control signal input)
Pin number
Signal name
Comment
1
F.GND
FAN GND
2
N.C.
N.C.
3
N.C.
N.C.
4
F.+12
FAN +12 V
5
D+5.GND
Digital GND
6
D+5.GND
Digital GND
7
D+5.GND
Digital GND
8
D+5
Digital +5 V
9
D+5
Digital +5 V
10
D+5
Digital +5 V
11
N.C.
N.C.
12
POSAVE
Remote control input for turning the High voltage power ON/OFF.
13
POWER
Remote control input for turning the Low voltage power ON/OFF and turning the High
voltage power OFF.
14
M+5
Power for the Stand-by circuit.
Power supply side connector: B14B-EH (J.S.T TRADING COMPANY, LTD)
Mating connector: EHR-14 (housing), SHE-001T-P0.6 (contact)
Note The N.C. terminals must be kept open.
3) Connector PQ (Power output for the Remote control circuit)
Pin number
Signal name
Comment
1
A+7.GND
Analog +7 V. GND
2
A+7
Analog +7 V
3
N.C.
N.C.
4
M+5.GND
Stand-by power +5 V. GND
5
M+5
Stand-by power +5 V
Power supply side connector: B5B-EH (J.S.T TRADING COMPANY, LTD)
Mating connector: EHR-5 (housing), SHE-001T-P0.6 (contact)
Note The N.C. terminal must be kept open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com