Electronic Components Datasheet Search
  English  ▼

X  

MPC601EC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPC601EC
Description  PowerPC 601™ RISC Microprocessor Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC601EC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPC601EC Datasheet HTML 16Page - NXP Semiconductors MPC601EC Datasheet HTML 17Page - NXP Semiconductors MPC601EC Datasheet HTML 18Page - NXP Semiconductors MPC601EC Datasheet HTML 19Page - NXP Semiconductors MPC601EC Datasheet HTML 20Page - NXP Semiconductors MPC601EC Datasheet HTML 21Page - NXP Semiconductors MPC601EC Datasheet HTML 22Page - NXP Semiconductors MPC601EC Datasheet HTML 23Page - NXP Semiconductors MPC601EC Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
601 Hardware Specifications, Rev 3
21
Preliminary/Subject to Change without Notice
Appendix A
General Handling Recommendations
The following list provides a few guidelines for package handling:
•
Handle the electrostatic discharge sensitive (ESD) package with care before, during, and after
processing.
•
Do not apply any load to exceed 3 Kg after assembly.
•
Components should not be hot dip tinned
•
The package encapsulation is an acrylated urethane. Use adequate ventilation (local exhaust) for all
elevated temperature processes.
The package parameters are as follows:
Heat sink adhesive
AIEG-7655
IBM reference drawing
99F4869
Test socket
Yamaichi IC51-3044-1543-REV C
Signal
187
Power/ground
117
Total
304
A.1 Package Environmental, Operation, Shipment,
and Storage Requirements
The environmental, operation, shipment, and storage requirements are as follows:
•
Make sure that the package is suitable for continuous operation under business office environments.
— Operating environment: 10
°C to 40 °C, 8% to 80% relative humidity
— Storage environment: 1
°C to 60 °C, 5% to 80% relative humidity
— Shipping environment: 40
°C to 60 °C, 5% to 100% relative humidity
•
This component is qualified to meet JEDEC moisture Class 2
— After expiration of shelf life, packages may be baked at 120
°C (+10/–5 °C) for 4 hours
minimum and packaged.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com