Electronic Components Datasheet Search
  English  ▼

X  

MPC601EC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MPC601EC
Description  PowerPC 601™ RISC Microprocessor Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC601EC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MPC601EC Datasheet HTML 5Page - NXP Semiconductors MPC601EC Datasheet HTML 6Page - NXP Semiconductors MPC601EC Datasheet HTML 7Page - NXP Semiconductors MPC601EC Datasheet HTML 8Page - NXP Semiconductors MPC601EC Datasheet HTML 9Page - NXP Semiconductors MPC601EC Datasheet HTML 10Page - NXP Semiconductors MPC601EC Datasheet HTML 11Page - NXP Semiconductors MPC601EC Datasheet HTML 12Page - NXP Semiconductors MPC601EC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
601 Hardware Specifications, Rev 3
9
Preliminary/Subject to Change without Notice
Notes: 1. The timing diagram should only be referenced in regard to the edge-to-edge measurement of the timing
specifications. It is not intended as a functional description of the input and output signals. Refer to the
PowerPC 601 RISC Microprocessor User’s Manual for functional descriptions and their related
diagrams for device operation.
2. VM = Midpoint voltage (1.4 V)
Figure 2. PowerPC 601 Microprocessor Input Timing Diagram
VM
9.0
2X_PCLK
BCLK_EN
ARTRY, DB-
WO, TS, XATS
ABB, AACK,
BG, TA, DBB,
DBG, DRTRY,
TEA
Test signals
All other
signals
10.1
10.2
10.3
10.4
10.0
9.1
9.2
9.3
9.4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com