Electronic Components Datasheet Search
  English  ▼

X  

MPC601EC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC601EC
Description  PowerPC 601™ RISC Microprocessor Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC601EC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC601EC Datasheet HTML 2Page - NXP Semiconductors MPC601EC Datasheet HTML 3Page - NXP Semiconductors MPC601EC Datasheet HTML 4Page - NXP Semiconductors MPC601EC Datasheet HTML 5Page - NXP Semiconductors MPC601EC Datasheet HTML 6Page - NXP Semiconductors MPC601EC Datasheet HTML 7Page - NXP Semiconductors MPC601EC Datasheet HTML 8Page - NXP Semiconductors MPC601EC Datasheet HTML 9Page - NXP Semiconductors MPC601EC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
601 Hardware Specifications, Rev 3
Preliminary/Subject to Change without Notice
1.3.2 PowerPC 601 Microprocessor AC Electrical Characteristics
This section provides the AC electrical characteristics for the 601 and 601v.
1.3.2.1 Input AC Specifications
Table 4 provides the clock AC timing specifications as defined in Figure 1.
Notes: 1. Actual minimum gated by real time clock frequency
2. Maximum allowable sum of cycle-to-cycle or long-term jitter
3. Guaranteed by design/characterization
4. PCLK_EN is measured from the 1.4 V level of the signal in question to the 1.4 V level of the input
2X_PCLK.
Table 4. Clock AC Timing Specifications
VddI/O = Nominal ± 5%, VddINT = 3.6 V ± 5% or 2.5 V ± 5% V (601v, 100 MHz), GND = 0 V dc, Tj MAX = 85 °C
Num
Characteristic
50 MHz
66 MHz
80 MHz
100 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Frequency of operation
rtc1
50
rtc1
66
rtc1
80
rtc1
100
MHz
2X_PCLK rising edge jitter
———————
±1502
ps
1
2X_PCLK cycle time
10
—
7.5
—
6.25
—
5.0
—
ns
2/1
2X_PCLK duty cycle
measured at 1.4 V
35
65
35
65
35
65
40
60
%
2a
2X_PCLK minimum pulse
width at 1.8 V
——————
1.453
—ns
2b
2X_PCLK minimum pulse
width at 0.6 V
——————
1.273
—ns
3
PCLK_EN setup to falling
edge of 2X_PCLK
0.84
—
0.74
—
0.74
—
0.74
—ns
4
PCLK_EN hold from falling
edge of 2X_PCLK
1.84
—
1.84
—
1.54
—
1.54
—ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com