Electronic Components Datasheet Search
  English  ▼

X  

MPC601EC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC601EC
Description  PowerPC 601™ RISC Microprocessor Hardware Specifications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC601EC Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC601EC Datasheet HTML 1Page - NXP Semiconductors MPC601EC Datasheet HTML 2Page - NXP Semiconductors MPC601EC Datasheet HTML 3Page - NXP Semiconductors MPC601EC Datasheet HTML 4Page - NXP Semiconductors MPC601EC Datasheet HTML 5Page - NXP Semiconductors MPC601EC Datasheet HTML 6Page - NXP Semiconductors MPC601EC Datasheet HTML 7Page - NXP Semiconductors MPC601EC Datasheet HTML 8Page - NXP Semiconductors MPC601EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
601 Hardware Specifications, Rev 3
3
Preliminary/Subject to Change without Notice
— Memory unit with a two-element read queue and a three-element write queue
— Run-time reordering of loads and stores
— Address translation facilities for 4-Kbyte page size, variable block size, and 256-Mbyte
segment size
— A 256-entry, two-way set-associative UTLB
— Four-entry BAT array providing 128-Kbyte to 8-Mbyte blocks
— Four-entry, first-level ITLB
— Hardware table search (caused by UTLB misses) through hashed page tables
— 52-bit virtual address; 32-bit physical address
•
Facilities for enhanced system performance
— Bus interface can run at integer factor of operating frequency
— A 64-bit split-transaction external data bus with burst transfers
— Support for address pipelining and limited out-of-order bus transactions
— Snooped copy-back queues for cache block (sector) copy-back operations
— Bus extensions for I/O controller interface operations
— Multiprocessing support features that include the following:
–
Hardware enforced, four-state cache coherency protocol (MESI)
–
Separate port into cache tags for bus snooping
1.2 General Parameters
Table 1 provides a summary of the general parameters of the 601 and 601v.
The “v” in 601v denotes that this processor operates at different power supply voltages than other versions
of the 601.
Table 1. General Parameters of the PowerPC 601 Microprocessor
Characteristic
50, 66, 80 MHz
100 MHz (601v)
Technology
0.65
µm CMOS
4-level metal
0.5
µm CMOS
5-level metal
Package
304-pin C4FP
Surface mount
304-pin C4FP
Surface mount
Power supplies
3.6 V (5%)
2.5 V
± 5% (core)
5.0 V
± 5% (I/O)
Chip size
10.95 mm x 10.95 mm
8.6 mm x 8.6 mm
Maximum input rating
Chip can sustain 50 mA
into any pin.
Chip can sustain 50 mA
into any pin.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com