Electronic Components Datasheet Search
  English  ▼

X  

DSP56366P Datasheet(PDF) 43 Page - NXP Semiconductors

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button DSP56366P Datasheet HTML 39Page - NXP Semiconductors DSP56366P Datasheet HTML 40Page - NXP Semiconductors DSP56366P Datasheet HTML 41Page - NXP Semiconductors DSP56366P Datasheet HTML 42Page - NXP Semiconductors DSP56366P Datasheet HTML 43Page - NXP Semiconductors DSP56366P Datasheet HTML 44Page - NXP Semiconductors DSP56366P Datasheet HTML 45Page - NXP Semiconductors DSP56366P Datasheet HTML 46Page - NXP Semiconductors DSP56366P Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-17
Table 3-9
DRAM Page Mode Timings, One Wait State (Low-Power Applications)1, 2, 3
No.
Characteristics
Symbol
Expression
20 MHz4
30 MHz4
Unit
Min
Max
Min
Max
131
Page mode cycle time for two consecutive
accesses of the same direction
Page mode cycle time for mixed (read and
write) accesses
tPC
2
× T
C
1.25
× T
C
100.0
62.5
—
—
66.7
41.7
—
—
ns
132
CAS assertion to data valid (read)
tCAC
TC − 7.5
—
42.5
—
25.8
ns
133
Column address valid to data valid (read)
tAA
1.5
× T
C − 7.5
—
67.5
—
42.5
ns
134
CAS deassertion to data not valid (read hold
time)
tOFF
0.0
—
0.0
—
ns
135
Last CAS assertion to RAS deassertion
tRSH
0.75
× T
C − 4.0
33.5
—
21.0
—
ns
136
Previous CAS deassertion to RAS
deassertion
tRHCP
2
× T
C − 4.0
96.0
—
62.7
—
ns
137
CAS assertion pulse width
tCAS
0.75
× T
C − 4.0
33.5
—
21.0
—
ns
138
Last CAS deassertion to RAS deassertion5
• BRW[1:0] = 00
• BRW[1:0] = 01
• BRW[1:0] = 10
• BRW[1:0] = 11
tCRP
1.75
× T
C − 6.0
3.25
× T
C − 6.0
4.25
× T
C − 6.0
6.25
× T
C – 6.0
81.5
156.5
206.5
306.5
—
—
—
—
52.3
102.2
135.5
202.1
—
—
—
—
ns
139
CAS deassertion pulse width
tCP
0.5
× T
C − 4.0
21.0
—
12.7
—
ns
140
Column address valid to CAS assertion
tASC
0.5
× T
C − 4.0
21.0
—
12.7
—
ns
141
CAS assertion to column address not valid
tCAH
0.75
× T
C − 4.0
33.5
—
21.0
—
ns
142
Last column address valid to RAS
deassertion
tRAL
2
× T
C − 4.0
96.0
—
62.7
—
ns
143
WR deassertion to CAS assertion
tRCS
0.75
× T
C − 3.8
33.7
—
21.2
—
ns
144
CAS deassertion to WR assertion
tRCH
0.25
× T
C − 3.7
8.8
—
4.6
—
ns
145
CAS assertion to WR deassertion
tWCH
0.5
× T
C − 4.2
20.8
—
12.5
—
ns
146
WR assertion pulse widt
h
tWP
1.5
× T
C − 4.5
70.5
—
45.5
—
ns
147
Last WR assertion to RAS deassertion
tRWL
1.75
× T
C − 4.3
83.2
—
54.0
—
ns
148
WR assertion to CAS deassertion
tCWL
1.75
× T
C − 4.3
83.2
—
54.0
—
ns
149
Data valid to CAS assertion (Write)
tDS
0.25
× T
C − 4.0
8.5
—
4.3
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com