Electronic Components Datasheet Search
  English  ▼

X  

DSP56366P Datasheet(PDF) 64 Page - NXP Semiconductors

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button DSP56366P Datasheet HTML 60Page - NXP Semiconductors DSP56366P Datasheet HTML 61Page - NXP Semiconductors DSP56366P Datasheet HTML 62Page - NXP Semiconductors DSP56366P Datasheet HTML 63Page - NXP Semiconductors DSP56366P Datasheet HTML 64Page - NXP Semiconductors DSP56366P Datasheet HTML 65Page - NXP Semiconductors DSP56366P Datasheet HTML 66Page - NXP Semiconductors DSP56366P Datasheet HTML 67Page - NXP Semiconductors DSP56366P Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
3-38
Freescale Semiconductor
333
HCS hold time after data strobe deassertion9
—0.0
—
ns
334
Address (AD7–AD0) setup time before HAS deassertion (HMUX=1)
—
4.7
—
ns
335
Address (AD7–AD0) hold time after HAS deassertion (HMUX=1)
—
3.3
—
ns
336
A10–A8 (HMUX=1), A2–A0 (HMUX=0), HR/W setup time before data
strobe assertion9
• Read
•Write
—0
4.7
—
—
ns
337
A10–A8 (HMUX=1), A2–A0 (HMUX=0), HR/W hold time after data strobe
deassertion9
—3.3
—
ns
338
Delay from read data strobe deassertion to host request assertion for “Last
Data Register” read4
, 5, 10
TC
8.3
—
ns
339
Delay from write data strobe deassertion to host request assertion for “Last
Data Register” write5
, 8, 10
2
× T
C
16.7
—
ns
340
Delay from data strobe assertion to host request deassertion for “Last Data
Register” read or write (HROD = 0)5
, 9, 10
—
—
19.1
ns
341
Delay from data strobe assertion to host request deassertion for “Last Data
Register” read or write (HROD = 1, open drain Host Request)5
, 9, 10, 11
—
—
300.0
ns
342
Delay from DMA HACK deassertion to HOREQ assertion
•
For “Last Data Register” read5
•
For “Last Data Register” write5
• For other cases
2
× T
C + 19.1
1.5
× T
C + 19.1
35.8
31.6
0.0
—
—
—
ns
343
Delay from DMA HACK assertion to HOREQ deassertion
•HROD = 05
—
—
20.2
ns
344
Delay from DMA HACK assertion to HOREQ deassertion for “Last Data
Register” read or write
• HROD = 1, open drain Host Request5
, 11
—
—
300.0
ns
1 See Host Port Usage Considerations in the DSP56366 User’s Manual.
2 In the timing diagrams below, the controls pins are drawn as active low. The pin polarity is programmable.
3 V
CC = 3.3 V ± 0.16 V; TJ = –40°C to +110°C, CL = 50 pF
4 The read data strobe is HRD in the dual data strobe mode and HDS in the single data strobe mode.
5 The “last data register” is the register at address $7, which is the last location to be read or written in data transfers.
6 This timing is applicable only if a read from the “last data register” is followed by a read from the RXL, RXM, or RXH registers
without first polling RXDF or HREQ bits, or waiting for the assertion of the HOREQ signal.
7 This timing is applicable only if two consecutive reads from one of these registers are executed.
8 The write data strobe is HWR in the dual data strobe mode and HDS in the single data strobe mode.
9 The data strobe is host read (HRD) or host write (HWR) in the dual data strobe mode and host data strobe (HDS) in the single
data strobe mode.
10 The host request is HOREQ in the single host request mode and HRRQ and HTRQ in the double host request mode.
11 In this calculation, the host request signal is pulled up by a 4.7 k
Ω resistor in the open-drain mode.
Table 3-18 Host Interface (HDI08) Timing1, 2 (continued)
No.
Characteristics3
Expression
120 MHz
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com