Electronic Components Datasheet Search
  English  ▼

X  

DSP56366P Datasheet(PDF) 53 Page - NXP Semiconductors

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button DSP56366P Datasheet HTML 49Page - NXP Semiconductors DSP56366P Datasheet HTML 50Page - NXP Semiconductors DSP56366P Datasheet HTML 51Page - NXP Semiconductors DSP56366P Datasheet HTML 52Page - NXP Semiconductors DSP56366P Datasheet HTML 53Page - NXP Semiconductors DSP56366P Datasheet HTML 54Page - NXP Semiconductors DSP56366P Datasheet HTML 55Page - NXP Semiconductors DSP56366P Datasheet HTML 56Page - NXP Semiconductors DSP56366P Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-27
191
RD assertion to RAS deassertion
tROH
4.5
× T
C − 4.0
221.0
—
146.0
—
ns
192
RD assertion to data valid
tGA
4
× T
C − 7.5
—
192.5
—
125.8
ns
193
RD deassertion to data not valid3
tGZ
0.0
—
0.0
—
ns
194
WR assertion to data active
0.75
× T
C − 0.3
37.2
—
24.7
—
ns
195
WR deassertion to data high impedance
0.25
× T
C
—
12.5
—
8.3
ns
1 The number of wait states for out of page access is specified in the DCR.
2 The refresh period is specified in the DCR.
3 RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is t
OFF and not tGZ.
4 Reduced DSP clock speed allows use of DRAM out-of-page access with four Wait states (See
Figure 3-17.).
Table 3-14 DRAM Out-of-Page and Refresh Timings, Eight Wait States1, 2
No.
Characteristics3
Symbol
Expression4
66 MHz
80 MHz
Unit
Min
Max
Min
Max
157 Random read or write cycle time
tRC
9
× T
C
136.4
—
112.5
—
ns
158 RAS assertion to data valid (read)
tRAC
4.75
× T
C − 7.5
4.75
× T
C − 6.5
—
—
64.5
—
—
—
—
52.9
ns
159 CAS assertion to data valid (read)
tCAC
2.25
× T
C − 7.5
2.25
× T
C − 6.5
—
—
26.6
—
—
—
—
21.6
ns
160 Column address valid to data valid (read)
tAA
3
× T
C − 7.5
3
× T
C − 6.5
—
—
40.0
—
—
—
—
31.0
ns
161 CAS deassertion to data not valid (read hold
time)
tOFF
0.0
—
0.0
—
ns
162 RAS deassertion to RAS assertion
tRP
3.25
× T
C − 4.0
45.2
—
36.6
—
ns
163 RAS assertion pulse width
tRAS
5.75
× T
C − 4.0
83.1
—
67.9
—
ns
164 CAS assertion to RAS deassertion
tRSH
3.25
× T
C − 4.0
45.2
—
36.6
—
ns
165 RAS assertion to CAS deassertion
tCSH
4.75
× T
C − 4.0
68.0
—
55.5
—
ns
166 CAS assertion pulse width
tCAS
2.25
× T
C − 4.0
30.1
—
24.1
—
ns
167 RAS assertion to CAS assertion
tRCD
2.5
× T
C ± 2
35.9
39.9
29.3
33.3
ns
168 RAS assertion to column address valid
tRAD
1.75
× T
C ± 2
24.5
28.5
19.9
23.9
ns
Table 3-13 DRAM Out-of-Page and Refresh Timings, Four Wait States1, 2 (continued)
No.
Characteristics3
Symbol
Expression
20 MHz4
30 MHz4
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com