Electronic Components Datasheet Search
  English  ▼

X  

DSP56366P Datasheet(PDF) 45 Page - NXP Semiconductors

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button DSP56366P Datasheet HTML 41Page - NXP Semiconductors DSP56366P Datasheet HTML 42Page - NXP Semiconductors DSP56366P Datasheet HTML 43Page - NXP Semiconductors DSP56366P Datasheet HTML 44Page - NXP Semiconductors DSP56366P Datasheet HTML 45Page - NXP Semiconductors DSP56366P Datasheet HTML 46Page - NXP Semiconductors DSP56366P Datasheet HTML 47Page - NXP Semiconductors DSP56366P Datasheet HTML 48Page - NXP Semiconductors DSP56366P Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-19
138
Last CAS deassertion to RAS deassertion6
• BRW[1:0] = 00
• BRW[1:0] = 01
• BRW[1:0] = 10
• BRW[1:0] = 11
tCRP
2.0
× T
C − 6.0
3.5
× T
C − 6.0
4.5
× T
C − 6.0
6.5
× T
C − 6.0
24.4
47.2
62.4
92.8
—
—
—
—
19.0
37.8
50.3
75.3
—
—
—
—
ns
139
CAS deassertion pulse width
tCP
1.25
× T
C − 4.0
14.9
—
11.6
—
ns
140
Column address valid to CAS assertion
tASC
TC − 4.0
11.2
—
8.5
—
ns
141
CAS assertion to column address not valid
tCAH
1.75
× T
C − 4.0
22.5
—
17.9
—
ns
142
Last column address valid to RAS deassertion
tRAL
3
× T
C − 4.0
41.5
—
33.5
—
ns
143
WR deassertion to CAS assertion
tRCS
1.25
× T
C − 3.8
15.1
—
11.8
—
ns
144
CAS deassertion to WR assertion
tRCH
0.5
× T
C − 3.7
3.9
—
2.6
—
ns
145
CAS assertion to WR deassertion
tWCH
1.5
× T
C − 4.2
18.5
—
14.6
—
ns
146
WR assertion pulse width
tWP
2.5
× T
C − 4.5
33.5
—
26.8
—
ns
147
Last WR assertion to RAS deassertion
tRWL
2.75
× T
C − 4.3
33.4
—
26.8
—
ns
148
WR assertion to CAS deassertion
tCWL
2.5
× T
C − 4.3
33.6
—
27.0
—
ns
149
Data valid to CAS assertion (write)
tDS
0.25
× T
C − 3.7
0.25
× T
C − 3.0
0.1
—
—
—
—
0.1
—
—
ns
150
CAS assertion to data not valid (write)
tDH
1.75
× T
C − 4.0
22.5
—
17.9
—
ns
151
WR assertion to CAS assertion
tWCS
TC − 4.3
10.9
—
8.2
—
ns
152
Last RD assertion to RAS deassertion
tROH
2.5
× T
C − 4.0
33.9
—
27.3
—
ns
153
RD assertion to data valid
tGA
1.75
× T
C − 7.5
1.75
× T
C − 6.5
—
—
19.0
—
—
—
—
15.4
ns
154
RD deassertion to data not valid7
tGZ
0.0
—
0.0
—
ns
155
WR assertion to data active
0.75
× T
C − 0.3
11.1
—
9.1
—
ns
156
WR deassertion to data high impedance
0.25
× T
C
—3.8
—3.1
ns
1 The number of wait states for Page mode access is specified in the DCR.
2 The refresh period is specified in the DCR.
3 The asynchronous delays specified in the expressions are valid for DSP56366.
4 There are no DRAMs fast enough to fit to two wait states Page mode @ 100MHz (See
Figure 3-11)
Table 3-10
DRAM Page Mode Timings, Two Wait States1, 2, 3, 4 (continued)
No.
Characteristics
Symbol
Expression5
66 MHz
80 MHz
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com