| Electronic Components Datasheet Search |
|
DSP56366P Datasheet(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56366P Datasheet(HTML) 11 Page - NXP Semiconductors |
|
11 / 110 page ![]() DSP56366 Technical Data, Rev. 3.1 Freescale Semiconductor 2-7 BG Input Ignored Input Bus Grant—BG is an active-low input. BG is asserted by an external bus arbitration circuit when the DSP56366 becomes the next bus master. When BG is asserted, the DSP56366 must wait until BB is deasserted before taking bus mastership. When BG is deasserted, bus mastership is typically given up at the end of the current bus cycle. This may occur in the middle of an instruction that requires more than one external bus cycle for execution. For proper BG operation, the asynchronous bus arbitration enable bit (ABE) in the OMR register must be set. BB Input/Output Input Bus Busy—BB is a bidirectional active-low input/output. BB indicates that the bus is active. Only after BB is deasserted can the pending bus master become the bus master (and then assert the signal again). The bus master may keep BB asserted after ceasing bus activity regardless of whether BR is asserted or deasserted. This is called “bus parking” and allows the current bus master to reuse the bus without rearbitration until another device requires the bus. The deassertion of BB is done by an “active pull-up” method (i.e., BB is driven high and then released and held high by an external pull-up resistor). For proper BB operation, the asynchronous bus arbitration enable bit (ABE) in the OMR register must be set. BB requires an external pull-up resistor. Table 2-7 External Bus Control Signals (continued) Signal Name Type State during Reset Signal Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |