Electronic Components Datasheet Search
  English  ▼

X  

DSP56366P Datasheet(PDF) 56 Page - NXP Semiconductors

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button DSP56366P Datasheet HTML 52Page - NXP Semiconductors DSP56366P Datasheet HTML 53Page - NXP Semiconductors DSP56366P Datasheet HTML 54Page - NXP Semiconductors DSP56366P Datasheet HTML 55Page - NXP Semiconductors DSP56366P Datasheet HTML 56Page - NXP Semiconductors DSP56366P Datasheet HTML 57Page - NXP Semiconductors DSP56366P Datasheet HTML 58Page - NXP Semiconductors DSP56366P Datasheet HTML 59Page - NXP Semiconductors DSP56366P Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
3-30
Freescale Semiconductor
174
CAS assertion to column address not valid
tCAH
5.25
× T
C − 4.0
48.5
—
ns
175
RAS assertion to column address not valid
tAR
7.75
× T
C − 4.0
73.5
—
ns
176
Column address valid to RAS deassertion
tRAL
6
× T
C − 4.0
56.0
—
ns
177
WR deassertion to CAS assertion
tRCS
3.0
× T
C − 4.0
26.0
—
ns
178
CAS deassertion to WR5 assertion
tRCH
1.75
× T
C − 4.0
13.5
—
ns
179
RAS deassertion to WR5 assertion
tRRH
0.25
× T
C − 2.0
0.5
—
ns
180
CAS assertion to WR deassertion
tWCH
5
× T
C − 4.2
45.8
—
ns
181
RAS assertion to WR deassertion
tWCR
7.5
× T
C − 4.2
70.8
—
ns
182
WR assertion pulse width
tWP
11.5
× T
C − 4.5
110.5
—
ns
183
WR assertion to RAS deassertion
tRWL
11.75
× T
C − 4.3
113.2
—
ns
184
WR assertion to CAS deassertion
tCWL
10.25
× T
C − 4.3
103.2
—
ns
185
Data valid to CAS assertion (write)
tDS
5.75
× T
C − 4.0
53.5
—
ns
186
CAS assertion to data not valid (write)
tDH
5.25
× T
C − 4.0
48.5
—
ns
187
RAS assertion to data not valid (write)
tDHR
7.75
× T
C − 4.0
73.5
—
ns
188
WR assertion to CAS assertion
tWCS
6.5
× T
C − 4.3
60.7
—
ns
189
CAS assertion to RAS assertion (refresh)
tCSR
1.5
× T
C − 4.0
11.0
—
ns
190
RAS deassertion to CAS assertion (refresh)
tRPC
2.75
× T
C − 4.0
23.5
—
ns
191
RD assertion to RAS deassertion
tROH
11.5
× T
C − 4.0
111.0
—
ns
192
RD assertion to data valid
tGA
10
× T
C − 7.0
—
93.0
ns
193
RD deassertion to data not valid3
tGZ
0.0
—
ns
194
WR assertion to data active
0.75
× T
C − 0.3
7.2
—
ns
195
WR deassertion to data high impedance
0.25
× T
C
—2.5
ns
1 The number of wait states for out-of-page access is specified in the DCR.
2 The refresh period is specified in the DCR.
3 RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is t
OFF and not tGZ.
4 The asynchronous delays specified in the expressions are valid for DSP56366.
5 Either t
RCH or tRRH must be satisfied for read cycles.
Table 3-15 DRAM Out-of-Page and Refresh Timings, Eleven Wait States1, 2 (continued)
No.
Characteristics3
Symbol
Expression4
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com