Electronic Components Datasheet Search
  English  ▼

X  

DSP56366P Datasheet(PDF) 57 Page - NXP Semiconductors

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366P Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button DSP56366P Datasheet HTML 53Page - NXP Semiconductors DSP56366P Datasheet HTML 54Page - NXP Semiconductors DSP56366P Datasheet HTML 55Page - NXP Semiconductors DSP56366P Datasheet HTML 56Page - NXP Semiconductors DSP56366P Datasheet HTML 57Page - NXP Semiconductors DSP56366P Datasheet HTML 58Page - NXP Semiconductors DSP56366P Datasheet HTML 59Page - NXP Semiconductors DSP56366P Datasheet HTML 60Page - NXP Semiconductors DSP56366P Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-31
Table 3-16 DRAM Out-of-Page and Refresh Timings, Fifteen Wait States1, 2
No.
Characteristics3
Symbol
Expression
Min
Max
Unit
157
Random read or write cycle time
tRC
16
× T
C
133.3
—
ns
158
RAS assertion to data valid (read)
tRAC
8.25
× T
C − 5.7
—
63.0
ns
159
CAS assertion to data valid (read)
tCAC
4.75
× T
C − 5.7
—
33.9
ns
160
Column address valid to data valid (read)
tAA
5.5
× T
C − 5.7
—
40.1
ns
161
CAS deassertion to data not valid (read hold time)
tOFF
0.0
0.0
—
ns
162
RAS deassertion to RAS assertion
tRP
6.25
× T
C − 4.0
48.1
—
ns
163
RAS assertion pulse width
tRAS
9.75
× T
C − 4.0
77.2
—
ns
164
CAS assertion to RAS deassertion
tRSH
6.25
× T
C − 4.0
48.1
—
ns
165
RAS assertion to CAS deassertion
tCSH
8.25
× T
C − 4.0
64.7
—
ns
166
CAS assertion pulse width
tCAS
4.75
× T
C − 4.0
35.6
—
ns
167
RAS assertion to CAS assertion
tRCD
3.5
× T
C ± 2
27.2
31.2
ns
168
RAS assertion to column address valid
tRAD
2.75
× T
C ± 2
20.9
24.9
ns
169
CAS deassertion to RAS assertion
tCRP
7.75
× T
C − 4.0
60.6
—
ns
170
CAS deassertion pulse width
tCP
6.25
× T
C − 4.0
48.1
—
ns
171
Row address valid to RAS assertion
tASR
6.25
× T
C − 4.0
48.1
—
ns
172
RAS assertion to row address not valid
tRAH
2.75
× T
C − 4.0
18.9
—
ns
173
Column address valid to CAS assertion
tASC
0.75
× T
C − 4.0
2.2
—
ns
174
CAS assertion to column address not valid
tCAH
6.25
× T
C − 4.0
48.1
—
ns
175
RAS assertion to column address not valid
tAR
9.75
× T
C − 4.0
77.2
—
ns
176
Column address valid to RAS deassertion
tRAL
7
× T
C − 4.0
54.3
—
ns
177
WR deassertion to CAS assertion
tRCS
5
× T
C − 3.8
37.9
—
ns
178
CAS deassertion to WR4 assertion
tRCH
1.75
× T
C − 3.7
10.9
—
ns
179
RAS deassertion to WR5 assertion
tRRH
0.25
× T
C − 2.0
0.1
—
ns
180
CAS assertion to WR deassertion
tWCH
6
× T
C − 4.2
45.8
—
ns
181
RAS assertion to WR deassertion
tWCR
9.5
× T
C − 4.2
75.0
—
ns
182
WR assertion pulse width
tWP
15.5
× T
C − 4.5
124.7
—
ns
183
WR assertion to RAS deassertion
tRWL
15.75
× T
C − 4.3
126.9
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com