Electronic Components Datasheet Search
  English  ▼

X  

VPA2000 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # VPA2000
Description  TFT-LCD Power Supply with VCOM Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

VPA2000 Datasheet(HTML) 5 Page - Renesas Technology Corp

  VPA2000 Datasheet HTML 1Page - Renesas Technology Corp VPA2000 Datasheet HTML 2Page - Renesas Technology Corp VPA2000 Datasheet HTML 3Page - Renesas Technology Corp VPA2000 Datasheet HTML 4Page - Renesas Technology Corp VPA2000 Datasheet HTML 5Page - Renesas Technology Corp VPA2000 Datasheet HTML 6Page - Renesas Technology Corp VPA2000 Datasheet HTML 7Page - Renesas Technology Corp VPA2000 Datasheet HTML 8Page - Renesas Technology Corp VPA2000 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
VPA2000
Product Data
March 11, 2010
5
VIN = 2.7V to 4.0V; CLDO = 1µF. Unless otherwise specified, all specifications are tested under TA = 25°C.
The ◙ denotes specifications that apply for TA = -40°C to +85°C. [Note 4]
Table 5. Low Voltage Linear Regulator
SYMBOL
PARAMETER
CONDITIONS
◙
MIN
TYP
MAX
UNITS
3.0V < VIN < 4.0V
300
mA
IOUT_MAX
Maximum LDO output current
2.7V < VIN ≤ 3.0V
150
mA
Output voltage setpoint accuracy
◙
-4
4
%
Output voltage line regulation
VIN = 2.7V to 4.0V
0.3
%
Output voltage load regulation
ILDO = 0 to 300mA
0.3
%
VDO
Output dropout voltage
ILDO = 300mA [Note 5]
◙
500
mV
ISC
Short circuit current
VLDO = 0V, VIN = 3.3V
300
600
mA
PSRR
Power supply rejection ratio
Freq = 120Hz
70
dB
[Note 4] Specifications over the -40°C to +85°C operation ambient temperature are guaranteed by design, characterization and statistical correlation.
[Note 5] LDO dropout voltage is the minimum input to output differential voltage to keep the output voltage as a 2% reduction from a nominal level
measured at VIN = VLDO+1V.
VIN = 2.7V to 4.0V; CGL = 1µF; CVGLREG = 0.1µF. Unless otherwise specified, all specifications are tested under TA = 25°C.
The ◙ denotes specifications that apply for TA = -40°C to +85°C. [Note 4]
Table 6. Negative High Voltage Linear Regulator / Controller
SYMBOL
PARAMETER
CONDITIONS
◙
MIN
TYP
MAX
UNITS
VFBVGL_OS
FBVGL offset voltage
◙
-15
15
mV
Output voltage line regulation
VIN = 3.0V to 3.6V
0.2
%
Output voltage load regulation
IGL = 0 to 20mA
0.3
%
VDO
Output dropout voltage
IGL = 10mA [Note 6][Note 7]
500
mV
IOUT_MAX
Maximum output current
VVGLREG = 4V, VFBVGL = 0.1V
30
mA
RDS(ON)
N-channel switch ON-resistance
IVGLREG = 10mA
20
[Note 4] Specifications over the -40°C to +85°C operation ambient temperature are guaranteed by design, characterization and statistical correlation.
[Note 6] Guaranteed by design, not 100% production tested.
[Note 7] Negative linear regulator dropout voltage is the minimum AVDD to |VGL| differential voltage to keep |VGL| as a 2% reduction from a nominal level
measured at VADDD=|VGL|+2V.
VIN = 2.7V to 4.0V; CREF = 0.1µF. Unless otherwise specified, all specifications are tested under TA = 25°C.
The ◙ denotes specifications that apply for TA = -40°C to +85°C. [Note 4]
Table 7. Reference Output
SYMBOL
PARAMETER
CONDITIONS
◙
MIN
TYP
MAX
UNITS
VREF
Output voltage
1.2
V
Output voltage accuracy
VIN = 3.0V to 3.6V
◙
-3
3
%
Output voltage line regulation
VIN = 3.0V to 4.0V
◙
0.2
%
Output voltage load regulation
IREF = 50 to 100µA
◙
0.3
%
IREF_SINK
VREF pin sink current
VIN = 1.8V
10
µA
IREF_SOURCE
VREF pin source current
◙
200
µA
[Note 4] Specifications over the -40°C to +85°C operation ambient temperature are guaranteed by design, characterization and statistical correlation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com