Electronic Components Datasheet Search
  English  ▼

X  

VPA2000 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # VPA2000
Description  TFT-LCD Power Supply with VCOM Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

VPA2000 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button VPA2000 Datasheet HTML 11Page - Renesas Technology Corp VPA2000 Datasheet HTML 12Page - Renesas Technology Corp VPA2000 Datasheet HTML 13Page - Renesas Technology Corp VPA2000 Datasheet HTML 14Page - Renesas Technology Corp VPA2000 Datasheet HTML 15Page - Renesas Technology Corp VPA2000 Datasheet HTML 16Page - Renesas Technology Corp VPA2000 Datasheet HTML 17Page - Renesas Technology Corp VPA2000 Datasheet HTML 18Page - Renesas Technology Corp VPA2000 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
VPA2000
Product Data
March 11, 2010
15
THEORY OF OPERATION
Description
The VPA2000 is a complete power solution for TFT-LCD
panels and display port timing controllers. It contains a
boost regulator, a negative voltage regulator, a VCOM
buffer, a 2.5V fixed output LDO, a 1.2V fixed output
charge pump, and an external 2x charge pump.
Boost Regulator
The VPA2000 boost regulator is designed to generate the
AVDD voltage for the source drivers in the TFT-LCD panel.
Its current mode control architecture with fixed 1.2MHz
switching frequency provides fast transient response and
reduces the number of external components for
compensation.
When the internal power N-channel MOSFET (connected
to SWN pin) is turned on, current starts to flow from VIN to
ground, and the inductor current starts to ramp up and
stores the energy.
The ramping current is sensed and is added with the slope
compensation ramp. When the ramp current reaches its
control level, the MOSFET is turned off, and the energy
stored in the inductor will feed to the output (AVDD). The
MOSFET on-off ratio (duty cycle) is varied by the input to
output ratio and can be calculated with the following
equation during continuous conduction mode (CCM):
VDD
IN
A
V
1
D
−
=
[1]
The output voltage AVDD is set by an external resistor
divider R7 and R8. AVDD can be calculated with equation:
+
×
=
R8
R7
1
1.2V
A
VDD
[2]
The boost regulator has a built-in over-voltage protection
(OVP) to prevent the output voltage from exceeding 20V.
Always connect the boost output (AVDD) to AVDD pin to
activate the OVP function and enable the VCOM buffer.
Figure 28. VPA2000 Boost Regulator Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com