Electronic Components Datasheet Search
  English  ▼

X  

VPA2000 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # VPA2000
Description  TFT-LCD Power Supply with VCOM Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

VPA2000 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button VPA2000 Datasheet HTML 13Page - Renesas Technology Corp VPA2000 Datasheet HTML 14Page - Renesas Technology Corp VPA2000 Datasheet HTML 15Page - Renesas Technology Corp VPA2000 Datasheet HTML 16Page - Renesas Technology Corp VPA2000 Datasheet HTML 17Page - Renesas Technology Corp VPA2000 Datasheet HTML 18Page - Renesas Technology Corp VPA2000 Datasheet HTML 19Page - Renesas Technology Corp VPA2000 Datasheet HTML 20Page - Renesas Technology Corp VPA2000 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
VPA2000
Product Data
March 11, 2010
17
VCOM Buffer
The
VPA2000
VCOM
buffer
is
an
operational
transconductance amplifier. Since the stability of the
amplifier is improved with larger capacitive loads, it
becomes an ideal power supply for the backplane of
TFT-LCD panels. Connect INN1 pin to OUT1 pin to
configure the VCOM buffer as a unity gain amplifier. To
adjust the output voltage of the VCOM buffer, connect a
resistor divider on pin INP1 from AVDD to GND, as shown
in Figure 39. Therefore,
R6
R5
R6
A
V
VDD
COM
+
×
=
[6]
Low Dropout Linear Regulator (LDO)
The VPA2000 LDO provides a 2.5V fixed output with
maximum 300mA current. It is designed to supply the I/O
voltage for display port timing controllers. To ensure
stability, a minimum 1.0µF output capacitor with
ESR < 0.5
is required for the LDO. Ceramic capacitors
are the best choice for their low ESR range on the order of
m . Higher output capacitance will help to reduce the
output ripple.
The LDO has a short-circuit current protection which limits
the current to be 600mA during a short-circuit condition.
VCORE Charge Pump
The VCORE output is a 0.5x regulated charge pump with
fixed 1.2V output voltage, designed as a low cost
replacement for buck regulators. The charge pump
operates at constant frequency with 50% duty cycle.
During the first phase, flying capacitor CFLY is placed in
series with output capacitor COUT. The input current
charges both the flying capacitor and the output capacitor,
and supplies the output load. During the second phase,
the output capacitor and the flying capacitor are placed in
parallel, and both capacitors are discharged to supply the
output load. Since VIN conducts to VOUT with 50% duty
cycle, the average input current is equal to 50% of the
output current. As a result, it dissipates approximately
80% less power than a standard LDO.
To regulate the output voltage, the error amplifier controls
the input P-channel MOSFET gate driver voltage, which
controls the amount of current flowing into the flying
capacitor during the charging phase. Thus, the flying
capacitor’s differential voltage is charged up to be equal to
the output voltage.
The value of CFLY should be 0.22µF. To ensure stability
over its operating current range, a 4.7µF or larger output
capacitor is required. Higher output capacitance will help
to reduce the output ripple and will have better transient
response performance.
The charge pump has over-current protection which
ensures the maximum output current is limited to 600mA
during over current and 80mA during a short-circuit
condition.
VIN
VCORE
0.22µF
4.7µF
VIN
VCORE
Phase 1
Phase 2
CFLY
CCORE
0.22µF
CFLY
4.7µF
CCORE
Figure 32. 0.5x Charge Pump 2 Phase Operation
Figure 33. Input Current flowing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com