Electronic Components Datasheet Search
  English  ▼

X  

VPA2000 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # VPA2000
Description  TFT-LCD Power Supply with VCOM Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

VPA2000 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button VPA2000 Datasheet HTML 12Page - Renesas Technology Corp VPA2000 Datasheet HTML 13Page - Renesas Technology Corp VPA2000 Datasheet HTML 14Page - Renesas Technology Corp VPA2000 Datasheet HTML 15Page - Renesas Technology Corp VPA2000 Datasheet HTML 16Page - Renesas Technology Corp VPA2000 Datasheet HTML 17Page - Renesas Technology Corp VPA2000 Datasheet HTML 18Page - Renesas Technology Corp VPA2000 Datasheet HTML 19Page - Renesas Technology Corp VPA2000 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
VPA2000
Product Data
March 11, 2010
16
If over-voltage is detected during normal operation, the
power N-channel MOSFET will turn off, and it will turn on
again when output voltage drops below the comparator
hysteretic level. On the other hand, if over-voltage is
detected during power up, the boost regulator will shut
down.
Figure 29. Over-voltage Protection
Besides over-voltage protection, the boost regulator has
an over-current protection to prevent excess current from
flowing into the power N-channel MOSFET. When the
inductor peak current is beyond the current limit level, the
N-channel MOSFET will shut down. Thus, during over-
current, the output voltage will be lower than the
programmed output voltage. Connecting the RLIM pin to
VIN will set the current limit level to its default value 2.35A.
The current limit level can be adjusted lower by placing a
resistor divider from VREF pin to ground, see Figure 28 for
details. Therefore, ILIM is calculated as:
(A)
R4
R3
R4
V
35
.
2
I
REF
LIM
+
×
×
=
[3]
where VREF = 1.2V. For example, to set the current limit
level to 1A, choose R4 = 4.99k , so R3 will be 9.09k .
Figure 30. Inductor Current Waveforms
For stability, connect a 4.99k resistor, RC, in series with
a 6.8nF capacitor, CC, from COMP pin to ground.
The average inductor current is proportional to the boost
regulator output current. As the output current decreases,
the inductor current will eventually reach zero, and if the
output current is further decreased, the boost regulator will
operate in discontinuous conduction mode (DCM). The
output current level that results in DCM is approximately:
×
−
×
×
×
<
L
f
D)
(1
D
V
2
1
I
SW
IN
OUT
[4]
where fSW is the switching frequency of the boost regulator.
When the output current level is reduced even further, the
boost converter will skip pulses randomly in order to
maintain the output regulation. The pulse skipping feature
is inherent to the boost regulator, and it improves the light-
load efficiency due to the reduction of switching losses.
Negative Linear Regulator
The negative linear regulator provides the negative output
voltage (VGL) with a 2-phase operation. During the first
phase, when VSWN is equal to AVDD, the flying capacitors
CGLFLY and CVGLREG are charged up. During the second
phase, when VSWN is equal to 0V, it level shifts CGLFLY, and
CGLFLY and CGL are now connected in parallel. Thus, CGL
charges up to a negative voltage.
The voltage across CGLFLY and CVGLREG is controlled by the
N-channel MOSFET, and VGL is set by the external
resistor divider R9 and R10 with the following equation:
R10
R9
-1.2V
VGL
×
=
[5]
Figure 31. Negative Linear Regulator Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com