Electronic Components Datasheet Search
  English  ▼

X  

VPA2000 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # VPA2000
Description  TFT-LCD Power Supply with VCOM Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

VPA2000 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button VPA2000 Datasheet HTML 7Page - Renesas Technology Corp VPA2000 Datasheet HTML 8Page - Renesas Technology Corp VPA2000 Datasheet HTML 9Page - Renesas Technology Corp VPA2000 Datasheet HTML 10Page - Renesas Technology Corp VPA2000 Datasheet HTML 11Page - Renesas Technology Corp VPA2000 Datasheet HTML 12Page - Renesas Technology Corp VPA2000 Datasheet HTML 13Page - Renesas Technology Corp VPA2000 Datasheet HTML 14Page - Renesas Technology Corp VPA2000 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
VPA2000
Product Data
March 11, 2010
11
Figure 20. VCORE Load Transient Response
for ICORE = 50mA to 150mA
Figure 21. VCOM Load Transient Response
for ICOM = 100mA Capacitive Load
Figure 22. VCOM Large Signal Response
Figure 23. VCOM Small Signal Response
Figure 24. LDO Load Transient Response
for ILDO = 150mA to 300mA
Figure 25. RSTOUT Function Waveforms
INP1
500mV/div
VCOM
500mV/div
VCOM
50mV/div
INP1
50mV/div
ICORE
50mA/div
VCORE
20mV/div
AC
VCOM
200mA/div
AC
ICOM
100mA/div
3.5V
4.0V
4.5V
3.5V
4.0V
4.5V
3.95V
4.00V
4.05V
3.95V
4.00V
4.05V
ILDO
100mA/div
VLDO
50mV/div
AC
VIN
2V/div
AVDD
5V/div
RSTOUT
2V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com