Electronic Components Datasheet Search
  English  ▼

X  

VPA2000 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # VPA2000
Description  TFT-LCD Power Supply with VCOM Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

VPA2000 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button VPA2000 Datasheet HTML 15Page - Renesas Technology Corp VPA2000 Datasheet HTML 16Page - Renesas Technology Corp VPA2000 Datasheet HTML 17Page - Renesas Technology Corp VPA2000 Datasheet HTML 18Page - Renesas Technology Corp VPA2000 Datasheet HTML 19Page - Renesas Technology Corp VPA2000 Datasheet HTML 20Page - Renesas Technology Corp VPA2000 Datasheet HTML 21Page - Renesas Technology Corp VPA2000 Datasheet HTML 22Page - Renesas Technology Corp VPA2000 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
VPA2000
Product Data
March 11, 2010
19
Power Up Sequence
All of the output voltages will be enabled after the input
voltage exceeds the UVLO level. AVDD and VGL will start to
rise 300µs after they are enabled. The ON pin is an open-
drain output, and it will pull low after 3.4ms, and can be
used to delay the VGH output. Refer to Figure 37 for an
illustration.
Figure 37. Power Up Sequence
Over-temperature Protection
When the junction temperature of the VPA2000 reaches
150°C, the over-temperature protection will activate and
shut down the device. It will resume to its previous
operating condition when the junction temperature falls
below 135°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com