Electronic Components Datasheet Search
  English  ▼

X  

VPA2000 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # VPA2000
Description  TFT-LCD Power Supply with VCOM Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

VPA2000 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button VPA2000 Datasheet HTML 8Page - Renesas Technology Corp VPA2000 Datasheet HTML 9Page - Renesas Technology Corp VPA2000 Datasheet HTML 10Page - Renesas Technology Corp VPA2000 Datasheet HTML 11Page - Renesas Technology Corp VPA2000 Datasheet HTML 12Page - Renesas Technology Corp VPA2000 Datasheet HTML 13Page - Renesas Technology Corp VPA2000 Datasheet HTML 14Page - Renesas Technology Corp VPA2000 Datasheet HTML 15Page - Renesas Technology Corp VPA2000 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
VPA2000
Product Data
March 11, 2010
12
PIN CONFIGURATION & DESCRIPTION
6
5
2
3
4
GND2
13
14
17
16
15
18
1
VGLREG
FBVGL
VREF
VIN2
LDO
AVDD
OUT1
GND3
FBB
COMP
RLIM
Figure 26. VPA2000 Pin Configuration (Top View)
Table 13. Pin Descriptions
NUMBER
LABEL
I/O
DESCRIPTION
1
GND2
Ground connections for VCORE. Connect this pin to ground.
2
VGLREG
Output
Output of the linear regulator for negative gate driver voltage.
3
FBVGL
Input
Feedback path for the negative regulator. Connect a resistor between this pin and VGL as well as
a resistor between this pin and VREF pin. Values of these resistors define output voltage VGL.
4
VREF
Output
Output of the internal reference block.
5
VIN2
Input
Power supply input voltage. Place a decoupling 1µF capacitor next to this pin.
6
LDO
Output
Output of the internal 2.5V LDO supplies the I/O voltage of DP TCON.
7
RSTOUT
Output
Power on reset output. When all voltage outputs are within their appropriate regulation window
this output switches High. This is an open drain output. Connect a resistor from this pin to VIN or
any voltage source lower than VIN.
8
VTH
Input
Input to the Reset comparator. Place a resistor from VIN to this pin as well as a resistor from this
pin to ground.
9
DLY
Place a capacitor from this pin to ground. This pin sets a delay for RSTOUT output switching to
High.
10
ON
Output
Driver output for an external P-channel MOSFET or PNP. This signal can be used to delay AVDD
or VGH to allow negative output VGL to rise first.
11
INN1
Input
Negative input for the internal VCOM buffer. Connect to OUT1 for unity gain configuration.
12
INP1
Input
Positive input for the internal VCOM buffer. Connect through a resistor divider to AVDD.
13
AVDD
Input
Connect to the output of the boost regulator. This voltage is used to power VCOM buffer.
14
OUT1
Output
Output of the VCOM driver.
15
GND3
Ground connections for the IC.
16
FBB
Input
Feedback pin for the AVDD. Connect this pin to the output through a resistor divider.
17
COMP
Loop compensation for the boost regulator. This pin is an output of an internal transconductance
amplifier. Connecting an external RC network from this pin to ground ensures loop stability for the
boost regulator.
18
RLIM
Connect this pin to VIN to set the maximum peak current level for the boost switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com