Electronic Components Datasheet Search
  English  ▼

X  

ADM1063ASU Datasheet(PDF) 32 Page - Analog Devices

Part # ADM1063ASU
Description  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1063ASU Datasheet(HTML) 32 Page - Analog Devices

Back Button ADM1063ASU Datasheet HTML 28Page - Analog Devices ADM1063ASU Datasheet HTML 29Page - Analog Devices ADM1063ASU Datasheet HTML 30Page - Analog Devices ADM1063ASU Datasheet HTML 31Page - Analog Devices ADM1063ASU Datasheet HTML 32Page - Analog Devices ADM1063ASU Datasheet HTML 33Page - Analog Devices ADM1063ASU Datasheet HTML 34Page - Analog Devices ADM1063ASU Datasheet HTML 35Page - Analog Devices ADM1063ASU Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ADM1063
Rev. 0 | Page 32 of 36
SLAVE
ADDRESS
SW A
2
COMMAND 0xFD
(BLOCK READ)
4
13
A
5
S
6
SLAVE
ADDRESS
7
BYTE
COUNT
910
12
11
A
RA
8
DATA
1
DATA
32
13
A
14
P
A
Figure 49. Block Read from EEPROM or RAM
Error Correction
The ADM1063 provides the option of issuing a packet error
correction (PEC) byte after a write to RAM, a write to EEPROM,
a block write to RAM/EEPROM, or a block read from RAM/
EEPROM. This enables the user to verify that the data received
by or sent from the ADM1063 is correct. The PEC byte is an
optional byte sent after that last data byte has been written to or
read from the ADM1063. The protocol is as follows:
1.
The ADM1063 issues a PEC byte to the master. The master
checks the PEC byte and issues another block read if the
PEC byte is incorrect.
2.
A no acknowledge (NACK) is generated after the PEC byte
to signal the end of the read.
Note that the PEC byte is calculated using CRC-8. The frame
check sequence (FCS) conforms to CRC-8 by the polynomial
C
(x) = x8 + x2 + x1 + 1
See the SMBus 1.1 specification for details.
An example of a block read with the optional PEC byte is shown
in Figure 50.
SLAVE
ADDRESS
SW A
2
COMMAND 0xFD
(BLOCK READ)
4
13
A
5
S
6
SLAVE
ADDRESS
7
BYTE
COUNT
910
12
11
A
RA
8
DATA
1
DATA
32
A
13
PEC
14
A
15
P
A
Figure 50. Block Read from EEPROM or RAM with PEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com