Electronic Components Datasheet Search
  English  ▼

X  

ADM1063ASU Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1063ASU
Description  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1063ASU Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1063ASU Datasheet HTML 6Page - Analog Devices ADM1063ASU Datasheet HTML 7Page - Analog Devices ADM1063ASU Datasheet HTML 8Page - Analog Devices ADM1063ASU Datasheet HTML 9Page - Analog Devices ADM1063ASU Datasheet HTML 10Page - Analog Devices ADM1063ASU Datasheet HTML 11Page - Analog Devices ADM1063ASU Datasheet HTML 12Page - Analog Devices ADM1063ASU Datasheet HTML 13Page - Analog Devices ADM1063ASU Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADM1063
Rev. 0 | Page 10 of 36
14
12
10
8
6
4
2
0
0
15.0
12.5
10.0
7.5
5.0
2.5
ILOAD (µA)
Figure 11. Charge-Pumped VPDO1 (FET Drive Mode) vs. ILOAD
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
06
5
4
3
2
1
ILOAD (mA)
VP1 = 5V
VP1 = 3V
Figure 12. VPDO1 (Strong Pull-Up to VP) vs. ILOAD
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
060
50
40
30
20
10
ILOAD (µA)
VP1 = 5V
VP1 = 3V
Figure 13. VPDO1 (Weak Pull-Up to VP) vs. ILOAD
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
4000
1000
2000
3000
0
CODE
Figure 14. DNL for ADC
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
4000
3000
2000
1000
CODE
Figure 15. INL for ADC
12000
10000
8000
6000
4000
2000
0
2049
2048
2047
CODE
81
9894
25
Figure 16. ADC Noise, Midcode Input, 10,000 Reads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com