Electronic Components Datasheet Search
  English  ▼

X  

ADM1063ASU Datasheet(PDF) 20 Page - Analog Devices

Part # ADM1063ASU
Description  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1063ASU Datasheet(HTML) 20 Page - Analog Devices

Back Button ADM1063ASU Datasheet HTML 16Page - Analog Devices ADM1063ASU Datasheet HTML 17Page - Analog Devices ADM1063ASU Datasheet HTML 18Page - Analog Devices ADM1063ASU Datasheet HTML 19Page - Analog Devices ADM1063ASU Datasheet HTML 20Page - Analog Devices ADM1063ASU Datasheet HTML 21Page - Analog Devices ADM1063ASU Datasheet HTML 22Page - Analog Devices ADM1063ASU Datasheet HTML 23Page - Analog Devices ADM1063ASU Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
ADM1063
Rev. 0 | Page 20 of 36
VOLTAGE READBACK
The ADM1063 has an on-board, 12-bit, accurate ADC for
voltage readback over the SMBus. The ADC has a 12-channel
analog mux on the front end. The 12 channels consist of the
10 SFD inputs (VH, VP1 to VP4, and VX1 to VX5) plus two
channels for temperature readback (discussed in the Remote
Temperature Measurement section). Any or all of these inputs
can be selected to be read, in turn, by the ADC. The circuit
controlling this operation is called the round-robin circuit. The
round-robin circuit can be selected to run through its loop of
conversions once or continuously. Averaging is also provided
for each channel. In this case, the round-robin circuit runs
through its loop of conversions 16 times before returning a
result for each channel. At the end of this cycle, the results are
written to the output registers.
The ADC samples single-sided inputs with respect to the AGND
pin. A 0 V input gives out Code 0, and an input equal to the
voltage on REFIN gives out full code (4095 decimal).
The inputs to the ADC come directly from the VXn pins and
from the back of the input attenuators on the VPn and VH pins,
as shown in Figure 30 and Figure 31.
VXn
2.048V VREF
NO ATTENUATION
12-BIT
ADC
DIGITIZED
VOLTAGE
READING
Figure 30. ADC Reading on VXn Pins
2.048V VREF
ATTENUATION NETWORK
(DEPENDS ON RANGE SELECTED)
12-BIT
ADC
DIGITIZED
VOLTAGE
READING
VPn/VH
Figure 31. ADC Reading on VPn/VH Pins
The voltage at the input pin can be derived from the
following equation:
V =
4095
Code
ADC
× Attenuation Factor × 2.048 V
The ADC input voltage ranges for the SFD input ranges
are listed in Table 8.
Table 8. ADC Input Voltage Ranges
SFD Input
Range (V)
Attenuation Factor
ADC Input Voltage
Range (V)
0.573 to 1.375
1
0 to 2.048
1.25 to 3
2.181
0 to 4.46
2.5 to 6
4.363
0 to 6.01
4.8 to 14.4
10.472
0 to 14.41
1 The upper limit is the absolute maximum allowed voltage on these pins.
The normal way to supply the reference to the ADC on the
REFIN pin is to simply connect the REFOUT pin to the
REFIN pin. REFOUT provides a 2.048 V reference. As such,
the supervising range covers less than half of the normal ADC
range. It is possible, however, to provide the ADC with a more
accurate external reference for improved readback accuracy.
Supplies can also be connected to the input pins purely for ADC
readback, even though they might go above the expected super-
visory range limits (as long as they are not above 6 V, because
this violates the absolute maximum ratings on these pins). For
instance, a 1.5 V supply connected to the VX1 pin can be correctly
read out as an ADC code of approximately 3/4 full scale, but it
always sits above any supervisory limits that can be set on that
pin. The maximum setting for the REFIN pin is 2.048 V.
SUPPLY SUPERVISION WITH THE ADC
In addition to the readback capability, a further level of supervi-
sion is provided by the on-chip, 12-bit ADC. The ADM1063 has
limit registers on which the user can program a maximum or
minimum allowable threshold. Exceeding the threshold generates
a warning that can either be read back from the status registers
or input into the SE to determine what sequencing action the
ADM1063 should take. Only one register is provided for each
input channel; therefore, either a UV or OV threshold (but not
both) can be set for a given channel. The round-robin circuit
can be enabled via an SMBus write, or it can be programmed to
turn on in any state in the SE program. For example, it can be
set to start once a power-up sequence is complete and all
supplies are known to be within expected tolerance limits.
Note that a latency is built into this supervision, dictated by
the conversion time of the ADC. With all 12 channels selected,
the total time for the round-robin operation (averaging off) is
approximately 6 ms (500 µs per channel selected). Supervision
using the ADC, therefore, does not provide the same real time
response as the SFDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com