Electronic Components Datasheet Search
  English  ▼

X  

ADM1063ASU Datasheet(PDF) 29 Page - Analog Devices

Part # ADM1063ASU
Description  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1063ASU Datasheet(HTML) 29 Page - Analog Devices

Back Button ADM1063ASU Datasheet HTML 25Page - Analog Devices ADM1063ASU Datasheet HTML 26Page - Analog Devices ADM1063ASU Datasheet HTML 27Page - Analog Devices ADM1063ASU Datasheet HTML 28Page - Analog Devices ADM1063ASU Datasheet HTML 29Page - Analog Devices ADM1063ASU Datasheet HTML 30Page - Analog Devices ADM1063ASU Datasheet HTML 31Page - Analog Devices ADM1063ASU Datasheet HTML 32Page - Analog Devices ADM1063ASU Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
ADM1063
Rev. 0 | Page 29 of 36
19
9
1
19
9
1
START BY
MASTER
ACK. BY
SLAVE
ACK. BY
MASTER
ACK. BY
MASTER
NO ACK.
FRAME 2
DATA BYTE
FRAME 1
SLAVE ADDRESS
FRAME N
DATA BYTE
FRAME 3
DATA BYTE
SCL
SDA
R/W
STOP
BY
MASTER
SCL
(CONTINUED)
SDA
(CONTINUED)
D7
A0
A1
1
1
1
0
0
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 40. General SMBus Read Timing Diagram
SCL
SDA
PS
S
P
t SU;STO
t HD;STA
t SU;STA
t SU;DAT
t HD;DAT
t HD;STA
t HIGH
t BUF
t LOW
t R
t F
Figure 41. Serial Bus Timing Diagram
SMBus PROTOCOLS FOR RAM AND EEPROM
The ADM1063 contains volatile registers (RAM) and nonvola-
tile registers (EEPROM). User RAM occupies address locations
from 0x00 to 0xDF; EEPROM occupies addresses from 0xF800
to 0xFBFF.
Data can be written to and read from both RAM and EEPROM
as single data bytes. Data can be written only to unprogrammed
EEPROM locations. To write new data to a programmed location,
the location’s contents must first be erased. EEPROM erasure
cannot be done at the byte level. The EEPROM is arranged as
32 pages of 32 bytes each, and an entire page must be erased.
Page erasure is enabled by setting Bit 2 in the UPDCFG register
(Address 0x90) to 1. If this bit is not set, page erasure cannot
occur, even if the command byte (0xFE) is programmed across
the SMBus.
WRITE OPERATIONS
The SMBus specification defines several protocols for different
types of read and write operations. The following abbreviations
are used in the diagrams:
S = Start
P = Stop
R = Read
W= Write
A = Acknowledge
A = No acknowledge
The ADM1063 uses the following SMBus write protocols.
Send Byte
In a send byte operation, the master device sends a single
command byte to a slave device, as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
write bit (low).
3.
The addressed slave device asserts ACK on SDA.
4.
The master sends a command code.
5.
The slave asserts ACK on SDA.
6.
The master asserts a stop condition on SDA, and the
transaction ends.
In the ADM1063, the send byte protocol is used for two purposes:
•
To write a register address to RAM for a subsequent single
byte read from the same address, or for a block read or a
block write starting at that address, as shown in Figure 42.
24
13
5
6
SLAVE
ADDRESS
RAM
ADDRESS
(0x00 TO 0xDF)
SW
A
A
P
Figure 42. Setting a RAM Address for Subsequent Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com