Electronic Components Datasheet Search
  English  ▼

X  

ADM1063ASU Datasheet(PDF) 18 Page - Analog Devices

Part # ADM1063ASU
Description  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1063ASU Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM1063ASU Datasheet HTML 14Page - Analog Devices ADM1063ASU Datasheet HTML 15Page - Analog Devices ADM1063ASU Datasheet HTML 16Page - Analog Devices ADM1063ASU Datasheet HTML 17Page - Analog Devices ADM1063ASU Datasheet HTML 18Page - Analog Devices ADM1063ASU Datasheet HTML 19Page - Analog Devices ADM1063ASU Datasheet HTML 20Page - Analog Devices ADM1063ASU Datasheet HTML 21Page - Analog Devices ADM1063ASU Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
ADM1063
Rev. 0 | Page 18 of 36
SEQUENCING ENGINE APPLICATION EXAMPLE
The application in this section demonstrates the operation of
the SE. Figure 27 shows how the simple building block of a
single SE state can be used to build a power-up sequence for a
3-supply system.
Table 7 lists the PDO outputs for each state in the same SE
implementation. In this system, the triggers required to start a
power-up sequence are the presence of a good 5 V supply on VP1
and the VX1 pin held low. The sequence intends to turn on the
3.3 V supply next, then the 2.5 V supply (assuming successful
turn-on of the 3.3 V supply). Once all three supplies are good,
the POWER_GOOD state is entered, where the SE remains until
a fault occurs on one of the three supplies, or until it is instructed
to go through a power-down sequence by VX1 going high.
Faults are dealt with throughout the power-up sequence on a
case-by-case basis. The following sections, which describe the
individual blocks, use this sample application to demonstrate
the state machine’s actions.
IDLE1
IDLE2
EN3V3
DIS3V3
DIS2V5
PWRGD
FSEL1
FSEL2
SEQUENCE
STATES
MONITOR FAULT
STATES
TIMEOUT
STATES
VX1 = 0
VP1 = 1
VP1 = 0
(VP1 + VP2) = 0
(VP1 + VP2 + VP3) = 0
(VP1 +
VP2) = 0
VP2 = 1
VP3 = 1
VP2 = 0
VX1 = 1
VP3 = 0
VP2 = 0
VP1 = 0
VX1 = 1
VX1 = 1
10ms
20ms
EN2V5
Figure 27. Sample Application Flow Diagram
Table 7. PDO Outputs for Each State
PDO Outputs
IDLE1
IDLE2
EN3V3
EN2V5
DIS3V3
DIS2V5
PWRGD
FSEL1
FSEL2
PDO1 = 3V3ON
0
0
1
1
0
1
1
1
1
PDO2 = 2V5ON
0
0
0
1
1
0
1
1
1
PDO3 = FAULT
0
0
0
0
1
1
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com