Electronic Components Datasheet Search
  English  ▼

X  

ADM1063ASU Datasheet(PDF) 23 Page - Analog Devices

Part # ADM1063ASU
Description  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1063ASU Datasheet(HTML) 23 Page - Analog Devices

Back Button ADM1063ASU Datasheet HTML 19Page - Analog Devices ADM1063ASU Datasheet HTML 20Page - Analog Devices ADM1063ASU Datasheet HTML 21Page - Analog Devices ADM1063ASU Datasheet HTML 22Page - Analog Devices ADM1063ASU Datasheet HTML 23Page - Analog Devices ADM1063ASU Datasheet HTML 24Page - Analog Devices ADM1063ASU Datasheet HTML 25Page - Analog Devices ADM1063ASU Datasheet HTML 26Page - Analog Devices ADM1063ASU Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
ADM1063
Rev. 0 | Page 23 of 36
TEMPERATURE MEASUREMENT SYSTEM
The ADM1063 contains an on-chip, band gap temperature
sensor, whose output is digitized by the on-chip, 12-bit ADC.
Theoretically, the temperature sensor and ADC can measure
temperatures from −128°C to +127°C with a resolution of
0.125°C. Because this exceeds the operating temperature range
of the device, local temperature measurements outside this
range are not possible. Temperature measurements from
−128°C to +127°C are possible using a remote sensor. The
output code is in offset binary format, with −128°C given by
Code 0x400, 0°C given by Code 0x800, and +127°C given by
Code 0xC00.
As with the other analog inputs to the ADC, a limit register is
provided for each of the temperature input channels. Therefore,
a temperature limit can be set such that if it is exceeded, a warning
is generated and available as an input to the sequencing engine.
This enables users to control their sequence or monitor functions
based on an overtemperature or undertemperature event.
REMOTE TEMPERATURE MEASUREMENT
The ADM1063 can measure the temperature of two remote
diode sensors or diode-connected transistors connected to the
DxN and DxP pins.
The forward voltage of a diode or diode-connected transistor
operated at a constant current exhibits a negative temperature
coefficient of about −2 mV/°C. Unfortunately, the absolute value
of Vbe varies from device to device, and individual calibration
is required to null this, making the technique unsuitable for
mass production. The technique used in the ADM1063 is to
measure the change in Vbe when the device is operated at two
different currents.
This is given by
∆Vbe = kT/q × ln(N)
where:
k
is Boltzmann’s constant.
q
is charge on the carrier.
T
is absolute temperature in Kelvin.
N
is ratio of the two currents.
Figure 34 shows the input signal conditioning used to measure the
output of a remote temperature sensor. This figure shows the
external sensor as a substrate transistor provided for temperature
monitoring on some microprocessors, but it could equally be a
discrete transistor such as a 2N3904 or 2N3906.
If a discrete transistor is used, the collector is not grounded and
should be linked to the base. If a PNP transistor is used, the base
is connected to the DxN input and the emitter is connected to the
DxP input. If an NPN transistor is used, the emitter is connected
to the DxN input and the base is connected to the DxP input.
Figure 35 and Figure 36 show how to connect the ADM1063
to an NPN or PNP transistor for temperature measurement. To
prevent ground noise from interfering with the measurement,
the more negative terminal of the sensor is not referenced to
ground, but is biased above ground by an internal diode at the
DxN input.
To measure ∆Vbe, the sensor is switched between operating
currents of I and N × I. The resulting waveform is passed
through a 65 kHz low-pass filter to remove noise and through
a chopper-stabilized amplifier that amplifies and rectifies the
waveform to produce a dc voltage proportional to ∆Vbe. This
voltage is measured by the ADC to produce a temperature
output in 12-bit offset binary. To further reduce the effects of
noise, digital filtering is performed by averaging the results of
16 measurement cycles. A remote temperature measurement
takes nominally 600 ms. The results of remote temperature
measurements are stored in 12-bit, offset binary format, as
shown in Table 10. This provides temperature readings
with a resolution of 0.125°C.
Table 10. Temperature Data Format
Temperature
Digital Output (Hex)
Digital Output (Bin)
−128 °C
400
010000000000
−125 °C
418
010000011000
−100 °C
4E0
010011100000
−75 °C
5A8
010110101000
−50 °C
600
011000000000
−25 °C
670
011001110000
−10 °C
7B0
011110110000
0 °C
800
100000000000
+10.25 °C
852
100001010010
+25.5 °C
8CC
100011001100
+50.75 °C
996
100110010110
+75 °C
A58
101001011000
+100 °C
B48
101101001000
+125 °C
BE8
101111101000
+128 °C
C00
110000000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com