Electronic Components Datasheet Search
  English  ▼

X  

BF747 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BF747
Description  NPN 1 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF747 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BF747 Datasheet HTML 2Page - NXP Semiconductors BF747 Datasheet HTML 3Page - NXP Semiconductors BF747 Datasheet HTML 4Page - NXP Semiconductors BF747 Datasheet HTML 5Page - NXP Semiconductors BF747 Datasheet HTML 6Page - NXP Semiconductors BF747 Datasheet HTML 7Page - NXP Semiconductors BF747 Datasheet HTML 8Page - NXP Semiconductors BF747 Datasheet HTML 9Page - NXP Semiconductors BF747 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
September 1995
6
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BF747
Fig.12 Common base reverse admittance (Y12).
VCB =10V.
handbook, halfpage
0
MBB411
300
IE = −10 mA
−5 mA
−2 mA
200
500
600
800
f = 1000 MHz
−2.0
−1.0
−2.5
−0.7
−0.5
−0.3
−0.1
−1.5
−0.5
g12 (mS)
b12
(mS)
Fig.13 Common base output admittance (Y22).
VCB =10V.
handbook, halfpage
0
8
2
0
6
MBB412
0.4
0.8
1.2
1.6
4
200
IE =
−2 mA −5 mA
−10 mA
f = 1000 MHz
800
600
500
300
g22 (mS)
b22
(mS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com