Electronic Components Datasheet Search
  English  ▼

X  

BF747 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BF747
Description  NPN 1 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF747 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BF747 Datasheet HTML 3Page - NXP Semiconductors BF747 Datasheet HTML 4Page - NXP Semiconductors BF747 Datasheet HTML 5Page - NXP Semiconductors BF747 Datasheet HTML 6Page - NXP Semiconductors BF747 Datasheet HTML 7Page - NXP Semiconductors BF747 Datasheet HTML 8Page - NXP Semiconductors BF747 Datasheet HTML 9Page - NXP Semiconductors BF747 Datasheet HTML 10Page - NXP Semiconductors BF747 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
September 1995
9
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BF747
Table 1
Common base Y-parameters, IE = −2 mA; VCB = 10 V, typical values.
Table 2
Common base Y-parameters, IE = −5 mA; VCB = 10 V, typical values.
f (MHz)
Y11
Y21
Y12
Y22
REAL
(mS)
IMAG.
(mS)
REAL
(mS)
IMAG.
(mS)
REAL
(mS)
IMAG.
(mS)
REAL
(mS)
IMAG.
(mS)
40
69.0
−10.2
−68.0
12.3
−0.02
−0.1
−0.01
0.3
100
60.4
−20.6
−58.0
25.6
−0.06
−0.3
−0.08
0.7
200
45.0
−27.4
−39.1
34.5
−0.10
−0.6
0.19
1.4
300
34.3
−26.4
−25.4
34.0
−0.20
−0.8
0.29
1.9
400
27.7
−23.3
−17.2
31.1
−0.20
−1.0
0.37
2.5
500
24.0
−20.4
−11.7
27.6
−0.20
−1.2
0.45
3.0
600
21.5
−18.0
−7.8
25.0
−0.20
−1.4
0.53
3.6
700
20.0
−15.6
−5.3
22.6
−0.20
−1.6
0.60
4.2
800
18.6
−14.0
−3.0
20.2
−0.20
−1.8
0.69
4.7
900
18.3
−12.8
−1.3
18.7
−0.20
−2.0
0.82
5.3
1000
17.8
−11.7
−0.1
17.1
−0.20
−2.2
0.95
5.9
f (MHz)
Y11
Y21
Y12
Y22
REAL
(mS)
IMAG.
(mS)
REAL
(mS)
IMAG.
(mS)
REAL
(mS)
IMAG.
(mS)
REAL
(mS)
IMAG.
(mS)
40
132.6
−35.7
−130.5
38.8
−0.06
−0.2
−0.06
0.4
100
96.3
−62.0
−91.1
67.9
−0.20
−0.5
0.21
0.8
200
54.7
−57.8
−46.0
64.7
−0.30
−0.7
0.38
1.4
300
37.5
−46.9
−26.4
53.8
−0.40
−0.8
0.47
2.0
400
29.2
−38.6
−16.6
45.8
−0.40
−1.0
0.58
2.5
500
25.3
−32.8
−11.0
39.8
−0.40
−1.3
0.63
3.1
600
22.0
−28.4
−6.3
35.0
−0.40
−1.4
0.71
3.6
700
20.3
−25.2
−3.3
31.4
−0.40
−1.6
0.80
4.2
800
18.7
−22.6
−0.6
27.6
−0.40
−1.9
0.88
4.7
900
17.8
−20.7
1.4
25.2
−0.40
−2.1
1.01
5.3
1000
17.3
−19.1
3.0
23.0
−0.40
−2.3
1.15
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com