Electronic Components Datasheet Search
  English  ▼

X  

BF747 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BF747
Description  NPN 1 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF747 Datasheet(HTML) 3 Page - NXP Semiconductors

  BF747 Datasheet HTML 1Page - NXP Semiconductors BF747 Datasheet HTML 2Page - NXP Semiconductors BF747 Datasheet HTML 3Page - NXP Semiconductors BF747 Datasheet HTML 4Page - NXP Semiconductors BF747 Datasheet HTML 5Page - NXP Semiconductors BF747 Datasheet HTML 6Page - NXP Semiconductors BF747 Datasheet HTML 7Page - NXP Semiconductors BF747 Datasheet HTML 8Page - NXP Semiconductors BF747 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
September 1995
3
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BF747
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector pin.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. GUM is the maximum unilateral power gain, assuming S12 is zero and
.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
up to Ts =70 °C; note 1
260
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =10V
−−
100
nA
hFE
DC current gain
IC = 2 mA; VCE = 10 V
40
95
250
fT
transition frequency
IC = 15 mA; VCE = 10 V; f = 500 MHz
0.8
1.2
1.6
GHz
Cre
feedback capacitance
IE =ie = 0; VCB =10V; f=1MHz
−
0.5
−
pF
GUM
maximum unilateral power gain;
note 1
IC = 15 mA; VCE = 10 V; f = 100 MHz
−
20
−
dB
G
UM
10 log
S
21
2
1S
11
2
–


1S
22
2
–


-------------------------------------------------------------- dB
=
Fig.2 Power derating curve.
handbook, halfpage
0
50
100
200
400
300
100
0
200
MBB401
150
Ts (
oC)
Ptot
(mW)
VCE =10V.
Fig.3
DC current gain as a function of
collector current.
handbook, halfpage
140
60
100
MBB397
20
hFE
1
10 1
10 2
10
I
(mA)
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com