Electronic Components Datasheet Search
  English  ▼

X  

BF747 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BF747
Description  NPN 1 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF747 Datasheet(HTML) 4 Page - NXP Semiconductors

  BF747 Datasheet HTML 1Page - NXP Semiconductors BF747 Datasheet HTML 2Page - NXP Semiconductors BF747 Datasheet HTML 3Page - NXP Semiconductors BF747 Datasheet HTML 4Page - NXP Semiconductors BF747 Datasheet HTML 5Page - NXP Semiconductors BF747 Datasheet HTML 6Page - NXP Semiconductors BF747 Datasheet HTML 7Page - NXP Semiconductors BF747 Datasheet HTML 8Page - NXP Semiconductors BF747 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
September 1995
4
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BF747
Fig.4
Feedback capacitance as a function of
collector-base voltage.
IE =ie = 0; f = 1 MHz.
handbook, halfpage
0
1.2
0.8
0.4
0
420
MBB400
812
16
VCB (V)
Cre
(pF)
VCE = 10 V; f = 500 MHz.
Fig.5
Transition frequency as a function of
collector current.
handbook, halfpage
1.4
0.6
1.0
MBB399
0.2
110
fT
(GHz)
10−1
102
IC (mA)
VCE = 10 V; f = 100 MHz.
Fig.6
Maximum unilateral power gain as a
function of collector current.
handbook, halfpage
010
20
30
40
30
10
0
20
MBB407
IC (mA)
GUM
(dB)
IC = 15 mA; VCE =10V.
Fig.7
Maximum unilateral power gain as a
function of frequency.
handbook, halfpage
50
−10
30
40
10
MBB408
102
103
104
20
f (MHz)
GUM
(dB)
10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com