Electronic Components Datasheet Search
  English  ▼

X  

BF747 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF747
Description  NPN 1 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF747 Datasheet(HTML) 2 Page - NXP Semiconductors

  BF747 Datasheet HTML 1Page - NXP Semiconductors BF747 Datasheet HTML 2Page - NXP Semiconductors BF747 Datasheet HTML 3Page - NXP Semiconductors BF747 Datasheet HTML 4Page - NXP Semiconductors BF747 Datasheet HTML 5Page - NXP Semiconductors BF747 Datasheet HTML 6Page - NXP Semiconductors BF747 Datasheet HTML 7Page - NXP Semiconductors BF747 Datasheet HTML 8Page - NXP Semiconductors BF747 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
September 1995
2
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BF747
FEATURES
• Stable oscillator operation
• High current gain
• Good thermal stability.
APPLICATIONS
• It is intended for VHF and UHF TV-tuner applications
and can be used as a mixer and/or oscillator.
DESCRIPTION
Low cost NPN transistor in a plastic SOT23 package.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 SOT23.
Marking code: E15.
handbook, halfpage
MSB003
Top view
12
3
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector pin.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX. UNIT
VCEO
collector-emitter voltage
open base
−
20
V
VCBO
collector-base voltage
open emitter
−
30
V
VEBO
emitter-base voltage
open collector
−
3V
ICM
peak collector current
−
50
mA
Ptot
total power dissipation
up to Ts =70 °C; note 1
−
300
mW
fT
transition frequency
IC = 15 mA; VCE = 10 V; f = 500 MHz 1.2
1.6
GHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX. UNIT
VCEO
collector-emitter voltage
open base
−
20
V
VCBO
collector-base voltage
open emitter
−
30
V
VEBO
emitter-base voltage
open collector
−
3V
ICM
peak collector current
−
50
mA
Ptot
total power dissipation
up to Ts =70 °C; note 1
−
300
mW
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com