Electronic Components Datasheet Search
  English  ▼

X  

BF747 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BF747
Description  NPN 1 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF747 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BF747 Datasheet HTML 3Page - NXP Semiconductors BF747 Datasheet HTML 4Page - NXP Semiconductors BF747 Datasheet HTML 5Page - NXP Semiconductors BF747 Datasheet HTML 6Page - NXP Semiconductors BF747 Datasheet HTML 7Page - NXP Semiconductors BF747 Datasheet HTML 8Page - NXP Semiconductors BF747 Datasheet HTML 9Page - NXP Semiconductors BF747 Datasheet HTML 10Page - NXP Semiconductors BF747 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
September 1995
7
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BF747
handbook, full pagewidth
MBB403
10
25
50
100
250
10
25
50
100
250
0
+ j
− j
10
25
50
3 GHz
100
250
40 MHz
∞
Fig.14 Common emitter input reflection coefficient (S11).
IC = 15 mA; VCE = 10 V; ZO =50 Ω..
handbook, full pagewidth
MBB405
0o
30o
60o
90o
120o
150o
30o
60o
90o
120o
150o
180o
40 MHz
20
16
8
4
2
+
ϕ
−
ϕ
3 GHz
Fig.15 Common emitter forward transmission coefficient (S21).
IC = 15 mA; VCE =10V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com