Electronic Components Datasheet Search
  English  ▼

X  

ADP3196 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3196
Description  6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3196 Datasheet(HTML) 4 Page - Analog Devices

  ADP3196 Datasheet HTML 1Page - Analog Devices ADP3196 Datasheet HTML 2Page - Analog Devices ADP3196 Datasheet HTML 3Page - Analog Devices ADP3196 Datasheet HTML 4Page - Analog Devices ADP3196 Datasheet HTML 5Page - Analog Devices ADP3196 Datasheet HTML 6Page - Analog Devices ADP3196 Datasheet HTML 7Page - Analog Devices ADP3196 Datasheet HTML 8Page - Analog Devices ADP3196 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP3196
Rev. 0 | Page 4 of 20
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DELAY TIMER
Normal Mode Output Current
IDELAY
IDELAY = IIREF
12
15
18
µA
Output Current in Current Limit
IDELAY(CL)
IDELAY(CL) = 0.25 × IIREF
3.0
3.75
4.5
µA
Threshold Voltage
VDELAY(TH)
1.6
1.7
1.8
V
SOFT START
Output Current (Startup)
ISS(STARTUP)
During startup, ISS(STARTUP) = 0.25 × IIREF
3
3.75
4.5
μA
Output Current (DAC Code
Change)
ISS(DAC)
DAC code change, ISS(DAC) = 1.25 × IIREF
15
18.75
22.5
μA
ENABLE INPUT
Threshold Voltage
VTH(EN)
750
800
850
mV
Hysteresis
VHYS(EN)
80
100
125
mV
Input Current
IIN(EN)
−1
μA
Delay Time
tDELAY(EN)
EN > 950 mV, CDELAY = 10 nF
2
ms
OD OUTPUT
Output Low Voltage
VOL(OD)
160
500
mV
Output High Voltage
VOH(OD)
4
5
V
OD Pull-Down Resistor
60
k
Ω
THERMAL THROTTLING CONTROL
TTSENSE Voltage Range
Internally limited
0
5
V
TTSENSE Bias Current
−135
−123
−111
μA
TTSENSE VRM_OFF Threshold
Voltage
1.06
1.105
1.15
V
TTSENSE VRMHOT Threshold
Voltage
765
810
855
mV
TTSENSE Hysteresis
50
mV
VRM_OFF Output Low Voltage
VOL(VRFAN)
I VRFAN (SINK) = −4 mA
150
300
mV
VRMHOT Output Low Voltage
VOL(VRHOT)
I VRHOT (SINK) = −4 mA
150
300
mV
POWER-GOOD COMPARATOR
Overvoltage Threshold
VPWRGD(OV)
Relative to nominal DAC output; DAC = 0.5 V to 1.55 V
200
250
300
mV
Relative to nominal DAC output; DAC = 0.375 V to 0.4785 V
190
250
310
mV
Undervoltage Threshold
VPWRGD(UV)
Relative to nominal DAC output; DAC = 0.5 V to 1.55 V
−300
−250
−200
mV
Relative to nominal DAC output; DAC = 0.375 V to 0.4785 V
−310
−250
−190
mV
Output Low Voltage
VOL(PWRGD)
IPWRGD(SINK) = −4 mA
150
300
mV
Power-Good Delay Time
During Soft Start2
CDELAY = 10 nF
2
ms
VID Code Changing
100
250
μs
VID Code Static
200
ns
Crowbar Trip Point
VCROWBAR
Relative to FBRTN
1.75
1.8
1.85
V
Crowbar Delay Time
tCROWBAR
Overvoltage to PWM going low
VID Code Changing
100
250
μs
VID Code Static
400
ns
PWM OUTPUTS
Output Low Voltage
VOL(PWM)
IPWM(SINK) = −400
μA
160
500
mV
Output High Voltage
VOH(PWM)
IPWM(SOURCE) = 400
μA
4.0
5
V
POWER SUPPLY
VSYSTEM = 12 V, RSHUNT = 340Ω (see
Figure 2)
VCC
VCC
4.65
5
5.55
V
DC Supply Current
IVCC
25
mA
UVLO Turn On Current
6.5
11
mA
UVLO Threshold Voltage
VUVLO
VCC rising
9
UVLO Threshold Voltage
VUVLO
VCC falling
4.1
V
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2 Guaranteed by design or bench characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com