Electronic Components Datasheet Search
  English  ▼

X  

ADP3196 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3196
Description  6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3196 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3196 Datasheet HTML 4Page - Analog Devices ADP3196 Datasheet HTML 5Page - Analog Devices ADP3196 Datasheet HTML 6Page - Analog Devices ADP3196 Datasheet HTML 7Page - Analog Devices ADP3196 Datasheet HTML 8Page - Analog Devices ADP3196 Datasheet HTML 9Page - Analog Devices ADP3196 Datasheet HTML 10Page - Analog Devices ADP3196 Datasheet HTML 11Page - Analog Devices ADP3196 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP3196
Rev. 0 | Page 8 of 20
Pin No.
Mnemonic
Description
19
OD
Output Disable Logic Output. This pin is actively pulled low when the ADP3196 EN input is low or when VCC is
below its UVLO threshold to signal to the driver IC that the driver high-side and low-side outputs should go low.
20
IREF
Current Reference Input. An external resistor from this pin to ground sets the reference current for IFB, IDELAY, ISS,
IILIMIT and ITTSENSE.
21
IMON
Analog Output. Represents total load current.
22 to 25
SW4 to SW1
Current Balance Inputs. Inputs for measuring the current level in each phase. The SW pins of unused phases
should be left open.
26, 32,
33, 40
NC
No Connection.
27 to 30
PWM4 to
PMW1
Logic Level PWM Outputs. Each output is connected to the input of an external MOSFET driver, such as the
ADP3120A. Connecting the PWM3 and/or PWM4 outputs to the ADP3196 VCC pin causes that phase to turn off,
allowing the ADP3196 to operate as a 2-, 3-, or 4-phase controller.
31
VCC
A 340 Ω resistor should be placed between the 12 V system supply and the VCC pin. The internal shunt
regulator maintains VCC = 5 V.
34 to 39
VID5 to VID0
Voltage Code DAC Inputs. These six pins are pulled down to GND, providing a logic zero if left open. When in normal
operation mode, the DAC output programs the FB regulation voltage from 0.3750 V and 1.55 V (see Table 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com