Electronic Components Datasheet Search
  English  ▼

X  

ADP3196 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3196
Description  6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3196 Datasheet(HTML) 3 Page - Analog Devices

  ADP3196 Datasheet HTML 1Page - Analog Devices ADP3196 Datasheet HTML 2Page - Analog Devices ADP3196 Datasheet HTML 3Page - Analog Devices ADP3196 Datasheet HTML 4Page - Analog Devices ADP3196 Datasheet HTML 5Page - Analog Devices ADP3196 Datasheet HTML 6Page - Analog Devices ADP3196 Datasheet HTML 7Page - Analog Devices ADP3196 Datasheet HTML 8Page - Analog Devices ADP3196 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADP3196
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VCC = 5 V, FBRTN = GND, TA = 0°C to 85°C, unless otherwise noted.1
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
REFERENCE CURRENT
Reference Bias Voltage
VIREF
1.5
V
Reference Bias Current
IIREF
RIREF = 100 kΩ
14.25
15
15.75
μA
ERROR AMPLIFIER
Output Voltage Range2
VCOMP
0.05
4.4
V
Accuracy
VFB
Relative to nominal DAC output, referenced to FBRTN,
LLSET = CSREF (see
Figure 2)
−10
10
mV
Load Line Positioning Accuracy
CSREF – LLSET = 80 mV
−78
−80
−82
mV
Differential Nonlinearity
−1
+1
LSB
Input Bias Current
IFB
IFB = 0.5 × IIREF
−9
−7.5
−6
μA
FBRTN Current
IFBRTN
65
200
μA
Output Current
ICOMP
FB forced to VOUT – 3%
500
μA
Gain Bandwidth Product
GBW(ERR)
COMP = FB
20
MHz
Slew Rate
COMP = FB
25
V/
μs
LLSET Input Voltage Range
VLLSET
Relative to CSREF
−250
+250
mV
LLSET Input Bias Current
ILLSET
−10
+10
nA
VID INPUTS
Input Low Voltage
VIL(VID)
VID(X), VIDSEL
0.6
V
Input High Voltage
VIH(VID)
VID(X), VIDSEL
1.4
V
Input Current
IIN(VID)
−10
μA
VID Transition Delay Time2
VID code change to FB change
400
ns
OSCILLATOR
Frequency Range2
fOSC
0.25
4
MHz
Frequency Variation
fPHASE
TA = 25°C, RT = 205 kΩ, 4 phase
180
200
220
kHz
TA = 25°C, RT = 118 kΩ, 4 phase
400
kHz
TA = 25°C, RT = 55 kΩ, 4 phase
800
kHz
Output Voltage
VRT
RT = 243 k
Ω to GND
1.9
2.0
2.1
V
RAMPADJ Output Voltage
VRAMPADJ
RAMPADJ – FB, DAC = 1.55 V
−50
+50
mV
RAMPADJ Input Current Range
IRAMPADJ
1
50
μA
CURRENT SENSE AMPLIFIER
Offset Voltage
VOS(CSA)
CSSUM – CSREF (see
Figure 3)
−1.0
+1.0
mV
Input Bias Current
IBIAS(CSSUM)
−10
+10
nA
Gain Bandwidth Product
GBW(CSA)
CSSUM = CSCOMP
10
MHz
Slew Rate
CCSCOMP = 10 pF
10
V/
μs
Input Common-Mode Range
CSSUM and CSREF
0
3.5
V
Output Voltage Range
0.05
3.5
V
Output Current
ICSCOMP
500
μA
Current Limit Latch-Off Delay
Time
tOC(DELAY)
CDELAY = 10 nF
8
ms
IMON Output
IMON
10 × (CSREF – CSCOMP) > 50mV
−6
+6
%
CURRENT BALANCE AMPLIFIER
Common-Mode Range
VSW(X)CM
−600
+200
mV
Input Resistance
RSW(X)
SW(X) = 0 V
10
17
26
kΩ
Input Current
ISW(X)
SW(X) = 0 V
8
12
20
μA
Input Current Matching
ΔI
SW(X)
SW(X) = 0 V
−4
+4
%
CURRENT LIMIT COMPARATOR
ILIMIT Bias Current
IILIMIT
IILIMIT = 2/3 × IIREF
9
10
11
μA
ILIMIT Voltage
VILIMIT
RILIMIT = 121kΩ (VILIMIT = IILIMIT × RILIMIT)
1.09
1.21
1.33
V
Maximum Output Voltage
3
V
Current Limit Threshold Voltage
VCL
VCSREF – VCSCOMP, RILIMIT = 121 kΩ
80
100
125
mV
Current Limit Setting Ratio
VCL/IILIMIT
82.6
mV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com