Electronic Components Datasheet Search
  English  ▼

X  

ADP3196 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP3196
Description  6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3196 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP3196 Datasheet HTML 12Page - Analog Devices ADP3196 Datasheet HTML 13Page - Analog Devices ADP3196 Datasheet HTML 14Page - Analog Devices ADP3196 Datasheet HTML 15Page - Analog Devices ADP3196 Datasheet HTML 16Page - Analog Devices ADP3196 Datasheet HTML 17Page - Analog Devices ADP3196 Datasheet HTML 18Page - Analog Devices ADP3196 Datasheet HTML 19Page - Analog Devices ADP3196 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADP3196
Rev. 0 | Page 17 of 20
LAYOUT AND COMPONENT PLACEMENT
The following guidelines are recommended for optimal
performance of a switching regulator in a PC system.
General Recommendations
For good results, a PCB with at least four layers is recommended.
This provides the needed versatility for control circuitry
interconnections with optimal placement, power planes for
ground, input and output power, and wide interconnection
traces in the remainder of the power delivery current paths.
Keep in mind that each square unit of 1-ounce copper trace
has a resistance of ~0.53 mΩ at room temperature.
Whenever high currents must be routed between PCB layers,
use vias liberally to create several parallel current paths, so the
resistance and inductance introduced by these current paths is
minimized and the via current rating is not exceeded.
If critical signal lines (including the output voltage sense lines of
the ADP3196) must cross through power circuitry, it is best to
interpose a signal ground plane between those signal lines and
the traces of the power circuitry. This serves as a shield to
minimize noise injection into the signals at the expense of
making signal ground a bit noisier.
An analog ground plane should be used around and under the
ADP3196 as a reference for the components associated with the
controller. This plane should be tied to the nearest output
decoupling capacitor ground and should not be tied to any other
power circuitry to prevent power currents from flowing into it.
The components around the ADP3196 should be located close
to the controller with short traces. The most important traces to
keep short and away from other traces are the FB pin and CSSUM
pin. The output capacitors should be connected as close as
possible to the load (or connector), for example, a microproc-
essor core, that receives the power. If the load is distributed, the
capacitors should also be distributed and generally be in
proportion to where the load tends to be more dynamic.
Avoid crossing any signal lines over the switching power path loop
(described in the Power Circuitry Recommendations section).
Power Circuitry Recommendations
The switching power path should be routed on the PCB to
encompass the shortest possible length to minimize radiated
switching noise energy (EMI) and conduction losses in the
board. Failure to take proper precautions often results in EMI
problems for the entire PC system and noise-related operational
problems in the power converter control circuitry. The switching
power path is the loop formed by the current path through the
input capacitors and the power MOSFETs, including all
interconnecting PCB traces and planes. Using short and wide
interconnection traces is especially critical in this path for two
reasons: it minimizes the inductance in the switching loop,
which can cause high energy ringing; and it accommodates the
high current demand with minimal voltage loss.
When a power dissipating component, for example, a power
MOSFET, is soldered to a PCB, it is recommended to liberally
use the vias, both directly on the mounting pad and immediately
surrounding it. Two important reasons for this are improved
current rating through the vias and improved thermal perform-
ance from vias extended to the opposite side of the PCB, where a
plane can more readily transfer the heat to the air. Make a
mirror image of any pad being used to heat sink the MOSFETs
on the opposite side of the PCB to achieve the best thermal
dissipation in the air around the board. To further improve
thermal performance, use the largest possible pad area.
The output power path should also be routed to encompass a
short distance. The output power path is formed by the current
path through the inductor, the output capacitors, and the load.
For best EMI containment, a solid power ground plane should
be used as one of the inner layers extending fully under all the
power components.
Signal Circuitry Recommendations
The output voltage is sensed and regulated between the FB pin
and the FBRTN pin, which connect to the signal ground at the
load. To avoid differential mode noise pickup in the sensed
signal, the loop area should be small. Thus, the FB trace and
FBRTN trace should be routed adjacent to each other on top
of the power ground plane back to the controller.
The feedback traces from the switch nodes should be connected
as close as possible to the inductor. The CSREF signal should be
connected to the output voltage at the nearest inductor to the
controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com